Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC38RF80IAAV Datasheet(PDF) 65 Page - Texas Instruments

Part # DAC38RF80IAAV
Description  DAC38RFxx Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC38RF80IAAV Datasheet(HTML) 65 Page - Texas Instruments

Back Button DAC38RF80IAAV Datasheet HTML 61Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 62Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 63Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 64Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 65Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 66Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 67Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 68Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 160 page
background image
Treating the two complex channels as complex vectors of the form I(t) + j Q(t), the outputs of the coarse mixer is
equivalent to:
_
_
2
2
u
u
AB
INPUTAB
CMIX
AB
INPUTAB
CMIX
AB
Output
I
cos
ŒI
W
4
VLQ
ŒI
W
(5)
_
_
2
2
u
u
CD
INPUTCD
CMIX CD
INPUTCD
CMIX CD
Output
I
cos ŒI
W
4
VLQ
ŒI
W
(6)
Where fCMIX_AB and fCMIX_CD and the fixed mixing frequency selected by fields CMIX_AB or CMIX_CD in register
CMIX (7.5.21). The coarse mixer blocks are disabled by setting CMIX_AB and CMIX_CD to 0x0.
The NCO and coarse mixers can be enabled simultaneously, although this is not useful in most cases as the full
frequency range can be covered by the NCO.
7.3.16.6 Inverse Sinc Filter
The DAC38RFxx have a 9-tap inverse Sinc filter (INVSINC) that runs at the DAC update rate (fDAC) that can be
used to flatten the frequency response of the sample-and-hold output. The DAC sample-and-hold output sets the
output current and holds it constant for one DAC clock cycle until the next sample, resulting in the well known
sin(x)/x or Sinc(x) frequency response (Figure 7-23, red line). The inverse sinc filter response (Figure 7-23, blue
line) has the opposite frequency response from 0 to 0.4 x fDAC, resulting in the combined response (Figure 7-23,
green line). Between 0 to 0.4 x fDAC, the inverse sinc filter compensates the sample-and-hold roll-off with less
than 0.03 dB error.
The inverse sinc filter has a gain > 1 at all frequencies. Therefore, the signal input to INVSINC must be
reduced from full scale to prevent saturation in the filter. The amount of back-off required depends on the signal
frequency, and is set such that at the signal frequencies the combination of the input signal and filter response is
less than 1 (0 dB). For example, if the signal input to INVSINC is at 0.25 x fDAC, the response of INVSINC is 0.9
dB, and the signal must be backed off from full scale by 0.9 dB to avoid saturation. The advantage of INVSINC
having a positive gain at all frequencies is that the user is then able to optimize the back-off of the signal based
on its frequency.
The inverse Sinc filters are enabled by field ISFIR_ENA in register MULTIDUC_CFG1 (9.5.9).
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
–4
–3
–2
–1
0
1
2
3
4
f/f
DAC
G056
sin(x)/x
Corrected
FIR4
Figure 7-23. Composite Magnitude Spectrum for INVSINC
7.3.16.7 Summation Block for Dual DUC Modes
When using the dual DUC modes, the outputs of the two AQM blocks are summed together to form a composite
signal for the DAC output, configured by field OUTSUM_SEL in register OUTSUM (7.5.22). The input signals to
the DUCs much be scaled such that the signal does not exceed fullscale during summation. This field can also
be configures to add the signals from the adjacent multi-DUC to enable a four DUC signal.
www.ti.com
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
SLASEA3D – DECEMBER 2016 – REVISED DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
65
Product Folder Links: DAC38RF80 DAC38RF83 DAC38RF84 DAC38RF85 DAC38RF90 DAC38RF93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com