Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC38RF80IAAV Datasheet(PDF) 41 Page - Texas Instruments

Part # DAC38RF80IAAV
Description  DAC38RFxx Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC38RF80IAAV Datasheet(HTML) 41 Page - Texas Instruments

Back Button DAC38RF80IAAV Datasheet HTML 37Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 38Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 39Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 40Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 41Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 42Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 43Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 44Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 160 page
background image
Note
When changing EQ from one non-zero value to another, EQHLD must already be 1. If this is not
the case, there is a chance the equalizer could be reset by a transitory input state (that is, if EQ is
momentarily 000). EQHLD can be set to 0 at the same time as EQ is changed.
As the equalizer adaption algorithm is designed to equalize the post cursor, EQOVER or EQUNDER
will only be set during post cursor analysis if the amount of post cursor equalization required is more
or less than the adaptive equalizer can provide.
7.3.5 JESD204B Descrambler
The descrambler is a 16-bit parallel self-synchronous descrambler based on the polynomial 1 + x14 + x15. From
the JESD204B specification, the scrambling/descrambling process only occurs on the user data, not on the code
group synchronization or the ILA sequence. Each multi-DUC has a separate descrambler that can be enabled
independently. The descrambler is enabled by field SCR in the multi-DUC paged register JESD_N_HD_SCR
(8.5.49).
7.3.6 JESD204B Frame Assembly
The DAC38RFxx may be programmed as a single or dual DAC device, with one JESD RX block designated for
each DAC. The two JESD RX blocks can be programmed to operate as two separate links or as a single link.
The JESD204B defines the following parameters:
• L is the number of lanes
• M is the number of I or Q streams per device (2 = 1 IQ pair, 4 = 2 IQ pairs, 8 = 4 IQ pairs)
• F is the number of octets per frame clock period
• S is the number of samples per frame
• HD is the High-Density bit which controls whether a sample may be divided over more lanes
• N = NPRIME is the number of bits per sample (12 or 16 - bits)
Fields K and L are found in multi-DUC paged register JESD_K_L (8.5.46), M and S in multi-DUC paged register
JESD_M_S (8.5.48), and N, NPRIME and HD in multi-DUC paged register JESD_N_HD_SCR (8.5.49).
Table 7-9 lists the available JESD204B formats, interpolation rates and sample rate limits for the DAC38RFxx.
The ranges are limited by the SerDes PLL VCO frequency range, the SerDes PLL reference clock range, the
maximum SerDes line rate, and the maximum DAC sample frequency. Table 7-10 through Table 7-22 lists the
frame formats for each mode. In the frame format tables, i CH (N) [x:y] and q CH (N) [x:y] are bits x through y of
the I and Q samples at time N of DUC channel CH. If [x..y] is not listed, the full sample is assumed. For example,
i0(0)[15:8] are bits 15 – 8 of the I sample at time 0 of DUC #0, and q1(1) is the full Q sample at time 1 of DUC
#1.
Table 7-9. JESD204B Formats for DAC38RFxx
L-M-F-S-Hd
1 TX
L-M-F-S-Hd
2 TX
Frame
Format
Input
Resolution
IQ Pairs Per
DAC
Interp
Input Rate
Max (MSPS)
fDAC Max
(MSPS)
DAC38RF83,
DAC38RF80
DAC38RF93,
DAC38RF90
DAC38RF85,
DAC38RF84
(1 TX only)
82121
NA
1 TX: Table
7-10
16
1
6
1250
7500
√
√
16
1
8
1125
9000
√
√
16
1
12
750
9000
√
√
√
16
1
16
562.5
9000
√
√
√
42111
84111
1 TX: Table
7-11
2 TX: Table
7-12
16
1
6
1250
7500
√
√
16
1
8
1125
9000
√
√
16
1
10
900
9000
√
√
16
1
12
750
9000
√
√
√
16
1
16
562.5
9000
√
√
√
16
1
18
500
9000
√
√
√
16
1
24
375
9000
√
√
√
www.ti.com
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
SLASEA3D – DECEMBER 2016 – REVISED DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
41
Product Folder Links: DAC38RF80 DAC38RF83 DAC38RF84 DAC38RF85 DAC38RF90 DAC38RF93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com