Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC38RF80IAAV Datasheet(PDF) 70 Page - Texas Instruments

Part # DAC38RF80IAAV
Description  DAC38RFxx Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC38RF80IAAV Datasheet(HTML) 70 Page - Texas Instruments

Back Button DAC38RF80IAAV Datasheet HTML 66Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 67Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 68Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 69Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 70Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 71Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 72Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 73Page - Texas Instruments DAC38RF80IAAV Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 160 page
background image
7.3.25 CMOS Digital Inputs
Figure 7-26 shows a schematic of the equivalent CMOS digital inputs of the DAC38RFxx. SDIO, SCLK, TCLK,
SLEEP, TESTMODE and TXENABLE have internal pull-down resistors while SDEN, RESET, TMS, TDI and
TRST have internal pull-up resistors. See the Specifications table for logic thresholds. The pull-up and pull-down
circuitry is approximately equivalent to 10 kΩ.
SDIO
SCLK
TCLK
SLEEP
TXENABLE
TESTMODE
internal
digital in
VDDIO18
GND
SDENB
RESETB
TMS
TDI
TRSTB
internal
digital in
VDDIO18
GND
400
400
10 k
10 k
Copyright © 2016, Texas Instruments Incorporated
Figure 7-26. CMOS Digital Equivalent Input
7.3.26 DAC Fullscale Output Current
The DAC38RFxx uses a bandgap reference and control amplifier for biasing the full-scale output current. The
DAC full scale output current is set by a combination of the fixed current through the external resistor RBIAS
(connected to pin BIASJ) and current from course trim current sources:
FS
RBIAS
coarsetrim
IOUT
I
I
(8)
The bias current IBIAS through resistor RBIAS is defined by the on-chip bandgap reference voltage VBG
(nominally 0.9 V) and control amplifier. For normal operation, it is recommended that RBIAS is set to 3.6 kΩ
for a fixed current through RBIAS of 250 µA. This current is scaled 128x internally, giving:
BG
RBIAS
BIAS
V
V
I
mA
R
k
0.9
128
128
32
3.6
u
u
(9)
The course trim current sources are configured through SPI register field DACFS in register DACFS (7.5.72),as
follows:
coarsetrim
I
= 2mA × DACFS - 11
(10)
From the discussion above, the DAC full scale output current can be configured from 40 mA (DACFS[3:0] =
1111) down to 10 mA (DACFS[3:0] = 0000). In addition to the full scale signal current set by SPI register DACFS
(7.5.72), an extra DC bias current is required to set the operating point of the output current sources(Table 7-41).
Table 7-41. DAC output current
DACFS (7.5.72)
Signal current (mA)
Total bias current (mA)(1)
0
10
1
1
12
1
2
14
2
3
16
2
4
18
3
5
20
3
6
22
4
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
SLASEA3D – DECEMBER 2016 – REVISED DECEMBER 2023
www.ti.com
70
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: DAC38RF80 DAC38RF83 DAC38RF84 DAC38RF85 DAC38RF90 DAC38RF93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com