Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMSA110 Datasheet(PDF) 9 Page - STMicroelectronics

Part # IMSA110
Description  IMAGE AND SIGNAL PROCESSING SUB.SYSTEM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IMSA110 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button IMSA110 Datasheet HTML 5Page - STMicroelectronics IMSA110 Datasheet HTML 6Page - STMicroelectronics IMSA110 Datasheet HTML 7Page - STMicroelectronics IMSA110 Datasheet HTML 8Page - STMicroelectronics IMSA110 Datasheet HTML 9Page - STMicroelectronics IMSA110 Datasheet HTML 10Page - STMicroelectronics IMSA110 Datasheet HTML 11Page - STMicroelectronics IMSA110 Datasheet HTML 12Page - STMicroelectronics IMSA110 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
If there are simultaneous overflows on the X bus
and in the prescalar then the overflow from the X
bus takes priority.
The USR and LSR can thus be used to model the
saturating behaviour of analogue circuits instead of
the usual ‘wrap around’ encountered in digital sys-
tems. Alternatively the USR and LSR could signal
error conditions within the backend directly on the
output pins via one of the output multiplexers.
The LUT is loaded via the memory interface. The
addressing for the LUT corresponds to the 8 bit
field, assuming that the byte selector is being used.
In order to access the look up table, USR and LSR
from the microprocessor interface, the LUT Ac-
cess control bit ACR[1] must be set to zero. This
will force the Y bus to zero and the normaliser to be
controlled by BCR3[7-3] regardless of the setting of
the dynamic normalisation bit, BCR3[2]. The LUT,
USR and LSR can then be loaded with any arbitrary
value via the microprocessor interface. Setting the
LUT access control bit to one will then allow the LUT
to be used in the data transformation unit.
5.4 Data normaliser
This unit consists of a shifter capable of right shifts
of up to 14 bits and left shifts up to 2 bits, followed
by a
zero data unit and an adder. The shifter is
controllable from one of two 5 bit sources : control
bits BCR3[7-3] or bits 26 to 22 of the Y bus. The
c ont rol bit Enable Dynamic Normalisation
(BCR3[2]) determines which source is in control of
the normaliser. If this bit is set to zero the normaliser
is controlled by BCR3[7-3]. The five bit field is a
twos complement number between 14 and -2. This
indicates the amount of right shift (negative mean-
ing left shift). Any value outside this range causes
the output of the shifter to be forced to zero. The
output of the shifter, with any rounding generated
by the shifter, goes into the output adder.
5.5 Output adder
This is a 22 bit adder with one of its inputs coming
from the data normaliser. The other input is either
bits 21 to 0 of the Y bus from the data transformation
unit, or set to zero under the control of BCR3[1].
Note that any overflow occuring due to left shifting
in the normaliser or the subsequent addition in the
output adder is not detected by the IMSA110.
5.6 Output multiplexers
These two multiplexers allow the currently selected
byte from the LUT to be optionally selected to drive
either the most significant byte and/or the least
significant byte of the Cascade Output pins. This is
controlled by the state of BCR2[5] and BCR2[6].
Enabling either of these multiplexers overrides the
state of the Cascade Output pins only on the re-
lavent 8 pins. The remaining pins will continue to
represent the output of the output adder.
6. BACKEND POST-PROCESSOR — Modes of
Operation
The backend post-processing unit is capable of
performing many functions including data scaling,
transformation, dynamic range compression and
histogram equalisation.
6.1 Default mode (after Reset)
At power up or after reset the state of the backend
post-processor is such that data from the MAC
array and the cascade input are added and pass
straight through the datapath unaffected.
The default mode for the statistics monitor is min
register although the values in the OUB, OUC,
MMR and MMB will be undefined. Likewise the
contents of the LUT, USR and LSR will be unde-
fined, the LUT Access control bit will be zero
forcing the Y bus to zero and allowing the micro-
processor interface to access the LUT, USR and
LSR.
Note that the cascade output pins and the PSR
output pins are tristated.
6.2 Cascade adder / MAC data scalar
These units allow the cascading of IMS A110s
where the output of the MAC array may be scaled
before it is added to the cascade input data. The
shifter can also be used for combining devices to
obtain extended precision in input data, coefficient
word length or both.
The ability to zero the cascade input provides a
simple means of controlling the number of ‘active’
devices cascaded as well as a means of debugging
large systems.
6.3 Rectification
Rectification, the removal of negative results, is
needed in several image processing functions.
For example, edge detection using a Sobel opera-
tor usually requires full wave rectification due to the
different signs obtained at differing edge transi-
tions. Edge detection using a Laplacian operator
produces a change of sign at an edge. In this case,
removing negative numbers using half wave recti-
fication can produce better results as full wave
rectification can lead to some blurring of the edge
transition.
IMSA110
9/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com