Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMSA110 Datasheet(PDF) 13 Page - STMicroelectronics

Part # IMSA110
Description  IMAGE AND SIGNAL PROCESSING SUB.SYSTEM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IMSA110 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button IMSA110 Datasheet HTML 9Page - STMicroelectronics IMSA110 Datasheet HTML 10Page - STMicroelectronics IMSA110 Datasheet HTML 11Page - STMicroelectronics IMSA110 Datasheet HTML 12Page - STMicroelectronics IMSA110 Datasheet HTML 13Page - STMicroelectronics IMSA110 Datasheet HTML 14Page - STMicroelectronics IMSA110 Datasheet HTML 15Page - STMicroelectronics IMSA110 Datasheet HTML 16Page - STMicroelectronics IMSA110 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
PSRout[7-0]
This bus outputs the data from the last programma-
ble shift register in the chain. The data on this bus
is synchronously clocked by the rising edge of CLK.
In a cascade arrangement this port will be con-
nected to the PSRin port of the next device. At
power up, or after a reset, the PSRout pins are
tristated. They are enabled by SCR[5].
Cin[21-0]
The Cascade Input port allows IMSA110s to be
cascaded. It also can be used for combining an
external signal (e.g. a reference image or an offset)
with the processed result. In a cascade arrange-
ment, this bus will be connected to the Cascade
Output of the previous device. The data on the Cin
bus is sampled on the rising edge of CLK.
Cout[21-0]
This bus outputs the processed result from the
IMSA110 and can also be used for cascading. The
22-bit result is synchronously clocked by the rising
edge of CLK. In a typical cascaded system this bus
will be connected to the Cascade Input port of the
next device. On the last device in the cascade, this
bus will be the output of the overall system. At
power up, or after a reset, the Cout pins are tris-
tated. They are enabled by SCR[4].
8.3 Asynchronous input/output
E1, E2
If both of these signals are low, then the microproc-
essor interface is enabled. The operation of these
enable signals is very similar to those found on
static RAMs. When either of these signals are high
the Write Enable and the address inputs are ig-
nored and the microprocessor interface Data sig-
nals are high impedance. When both Enable sig-
nals are low a read or write access is made to
registers or the RAMs within the IMSA110. Access
to the microprocessor interface can occur asyn-
chronously to the synchronous pins (PSRin,
PSRout, Cin, Cout) of the device.
W
Write Enable indicates whether the access to the
IMS A110 memory interface is to be a read or a
write. If W is low a write access is indicated.
ADR[8-0]
The nine bit binary value applied to the address
inputs of the IMSA110 indicates which register or
RAM location within the device is to be accessed.
D[7-0]
During a write to the microprocessor interface an
8-bit word is applied to the Data pins which is
written to the appropriate location. During a read
cycle the contents of the location accessed are
placed on the Data pins. When either of the En-
ables are high the Data pins are high impedance.
9 REGISTER DESCRIPTION
Memory map
Within the IMSA110 addresses are fully decoded.
Reading from locations not defined in the memory
map will produce zero data. Data written to such
locations is ignored. This allows the part to be fully
programmed using a ROM with an address incre-
meter. In this case, for future compatibility, zero
should be written to all undefined locations.
IMSA110
13/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com