Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMSA110 Datasheet(PDF) 5 Page - STMicroelectronics

Part # IMSA110
Description  IMAGE AND SIGNAL PROCESSING SUB.SYSTEM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IMSA110 Datasheet(HTML) 5 Page - STMicroelectronics

  IMSA110 Datasheet HTML 1Page - STMicroelectronics IMSA110 Datasheet HTML 2Page - STMicroelectronics IMSA110 Datasheet HTML 3Page - STMicroelectronics IMSA110 Datasheet HTML 4Page - STMicroelectronics IMSA110 Datasheet HTML 5Page - STMicroelectronics IMSA110 Datasheet HTML 6Page - STMicroelectronics IMSA110 Datasheet HTML 7Page - STMicroelectronics IMSA110 Datasheet HTML 8Page - STMicroelectronics IMSA110 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
General purpose
microprocessor
IMSA110
PSRIN
Cascade
IN
PSROUT
Cascade
OUT
Input
Clock
Output
IMSA110
PSRIN
Cascade
IN
PSROUT
Cascade
OUT
IMSA110
PSRIN
Cascade
IN
PSROUT
Cascade
OUT
Figure 3 : A Typical IMSA110 Based System
3. PROGRAMMABLE SHIFT REGISTERS
The three shift registers are 8 bits wide and are
each programmable from 0 up to 1120 clock cycles
in length. The lengths are programmed into control
registers via the microprocessor interface.
Data is clocked into the device via the PSRin bus
(Programmable Shift Register in) at a maximum
rate of 20MHz. On-chip, the input data is then fed
through a pipeline of the three shift registers. The
output of the first shift register passes to the first
7-stage mac array and also to the input of the
second shift register. Having passed through all
three shift registers the data is output on the
PSRout bus and can be used for cascading. Alter-
natively, as shown in Figure 2 the shift registers can
be bypassed and the input data transferred to the
PSRout bus after two delay stages. This mode can
be controlled via the on-chip control registers and
significantly simplifies software configuration of a
cascade arrangement.
4. MAC ARRAY
As shown in Figure 2, the processing core of the
device consists of a configurable array of multiply-
accumulators (macs). The mac array consists of
three 7-stage transversal filters which can be con-
figured either as a 21-stage linear pipeline or as a
3
× 7 two-dimensional window. The input data is
8 bits wide and is fed to the mac array via three
programmable shift registers.
The output of each shift register is supplied as input
to one of the three 7-stage transversal filters. For
each of the three transversal filters the associated
input data is fed simultaneously to all 7 mac stages.
At each stage the input sample is multiplied by a
coefficient stored in memory, and added to the
output of the previous stage delayed by one clock
cycle. The output of each 7-stage mac is fed, via a
delay stage, to the first stage in the next transversal
filter.
The coefficient word width in the mac array is 8 bits
wide. Two banks of coefficients are provided. At any
instant one set of coefficients is in use within the
mac array. The set in use is defined by the state of
the ‘Current Bank’ bit, ACR[0]. The other set can be
altered via the microprocessor interface. Once a
new set of coefficients has been loaded, the activi-
ties of the two coefficient banks can be inter-
changed without interrupting the flow of data. Alter-
natively, by setting the ‘continous bank swap’ bit
SCR[0], the two coefficient banks are swapped
automatically after each data input. In this case the
‘Current Bank’ bit only determines which bank is
used first. Both data input and coefficients can be
programmed independently to support twos com-
plement or positive unsigned formats allowing mul-
tiple devices to be used as a ‘slice’ in higher accu-
racy systems.
Within the mac array no truncation or rounding is
performed on the partial products. The mac array
output is fed to the backend post-processing unit
which is responsible for data transformation / nor-
malisation and cascading function.
5. BACKEND POST-PROCESSOR — hardware
description
The Backend Post-Processor consists of four ma-
jor blocks : The input block (shifter, cascade adder
and rectifier unit),a statistics monitor,the data con-
ditioning unit which itself consists of the data trans-
formation unit and the data normaliser, and the
output block (output adder and multiplexers).
A detailed diagram of the Backend Post-Processor
is given in Figure 4.
All operations performed in the backend are on
twos complement signed numbers unless other-
wise stated.
IMSA110
5/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com