Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMSA110 Datasheet(PDF) 17 Page - STMicroelectronics

Part # IMSA110
Description  IMAGE AND SIGNAL PROCESSING SUB.SYSTEM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IMSA110 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button IMSA110 Datasheet HTML 13Page - STMicroelectronics IMSA110 Datasheet HTML 14Page - STMicroelectronics IMSA110 Datasheet HTML 15Page - STMicroelectronics IMSA110 Datasheet HTML 16Page - STMicroelectronics IMSA110 Datasheet HTML 17Page - STMicroelectronics IMSA110 Datasheet HTML 18Page - STMicroelectronics IMSA110 Datasheet HTML 19Page - STMicroelectronics IMSA110 Datasheet HTML 20Page - STMicroelectronics IMSA110 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
OUB
Overshoot/undershoot buffer
These three memory locations hold a 22-bit word,
with the least significant byte at the lowest address,
and act as a buffer between the OUC and the
microprocessor interface. All the transactions be-
tween the OUC and the host processor must take
place through this register. When the OUC is not in
use, the value of this buffer is undefined.
COU
Copy OUC
This location in the memory is used to enable the
data transfer between the OUB and OUC. A write
to this location causes the contents of OUB to be
copied into the OUC. A read from this location
causes the reverse, i.e the contents of the OUC are
copied into the OUB. The value written to this
location is ignored, the value read back will be
undefined.
TCR
Test control register
This register is used for testing, and should be
loaded with zero for normal operation.
USR
Upper saturation register
This is a 32-bit value with the least significant byte
at the lowest address. Its contents are used to
replace the LUT output if positive overflow(s) occur
in the look up prescaler and / or in the cascade
adder. Accesses from the microprocessor interface
can only be made while ACR[1] is set to zero.
LSR
Lower saturation register
This is a 32-bit value with the least significant byte
at the lowest address. Its contents are used to
replace the LUT output if negative overflow(s) occur
in the look up prescaler and / or in the cascade
adder. Accesses from the microprocessor interface
can only be made while ACR[1] is set to zero.
LUT
Look up table
These locations are for the 256-byte look up table
which is used for data mapping and transformation
operations. From the microprocessor interface,
these locations are addressed in the same way as
that seen by the 8-bit output of look up prescaler.
When used in 32 bit mode, the locations are treated
in the same way as other 32 registers: Word 0 has
its most significant byte at #103, its least significant
byte at #100, Word 12 has its most significant byte
at #133, its least significant byte at #130. Accesses
from the microprocessor interface can only be
made while ACR[1] is set to zero.
10. REGISTERS — BIT ALLOCATION
This section describes the register details bit by bit.
Each section commences with the name of the
register with the bit number(s) followed by the de-
fault value, in the general format:
Name
REGISTER [MSB—LSB] Default : MSB...LSB
The least significant bit of a register is bit 0.
* in the tables indicates the default state of the
register bit(s).
10.1 PSR control registers (PCR)
PSRA control
PCRA[10-0]
Default: 0
…0
These eleven least significant bits of the PCRA are
used to specify the length of the last Programmable
Shift Register (PSRA). The length of the shift reg-
ister will be numerically equal to the binary value
loaded in these bits. The value loaded in must be
in the range of 0 to 1120 decimal. If a value outside
this range is written to these bits the behaviour of
the shift register will be undefined. After updating
this register, the behaviour of the delay is undefined
for 22 clock cycles. Hence changing the length from
1000 to 1001 delays, will result in correct output
only after 1023 cycles. This will also have to propa-
gate through the backend before the cascade out-
put values will be correct.
Reserved
PCRA[15-11]
Default: 00000
These 5 most significant bits of the PCRA are
reserved. The user should write zero to these loca-
tions to maintain compatibility with future products.
The value read from these locations will be zero.
IMSA110
17/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com