Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMSA110 Datasheet(PDF) 1 Page - STMicroelectronics

Part # IMSA110
Description  IMAGE AND SIGNAL PROCESSING SUB.SYSTEM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IMSA110 Datasheet(HTML) 1 Page - STMicroelectronics

  IMSA110 Datasheet HTML 1Page - STMicroelectronics IMSA110 Datasheet HTML 2Page - STMicroelectronics IMSA110 Datasheet HTML 3Page - STMicroelectronics IMSA110 Datasheet HTML 4Page - STMicroelectronics IMSA110 Datasheet HTML 5Page - STMicroelectronics IMSA110 Datasheet HTML 6Page - STMicroelectronics IMSA110 Datasheet HTML 7Page - STMicroelectronics IMSA110 Datasheet HTML 8Page - STMicroelectronics IMSA110 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
July 1992
IMAGE AND SIGNAL PROCESSING SUB–SYSTEM
IMSA110
.
1-D/2-D SOFTWARE CONFIGURABLE CON-
VOLVER/FILTER
.
ON-CHIP PROGRAMMABLE LINE DELAYS (0
— 1120 STAGES)
.
8-BIT
DATA AND
8.5-BIT
COEFFICIENT
SLICE
.
21 MULTIPLY-AND-ACCUMULATE STAGES
.
1-D (21) OR 2-D (3 x 7) CONVOLUTION WIN-
DOW
.
ON-CHIP POST PROCESSOR FOR DATA
TRANSFORMATION
.
FULLY CASCADABLE IN WINDOW SIZE AND
ACCURACY
.
20 MHZ DATA THROUGHPUT (420 MOPS)
.
SIGNED/UNSIGNED
DATA AND
COEFFI-
CIENTS
.
MICROPROCESSOR INTERFACE
.
HIGH SPEED CMOS IMPLEMENTATION
.
TTL COMPATIBLE
.
SINGLE +5V
± 10% SUPPLY
.
POWER DISSIPATION < 2.0 WATTS
.
100 PIN CERAMIC PGA
APPLICATIONS
.
1-D and 2-D digital convolution and correlation
.
Real time image processing and enhancement
.
Edge and feature detection
.
Data transformation and histogram equalisa-
tion
.
Computer vision and robotics
.
Template matching
.
Pulse compression
.
1-D or 2-D interpolation
ORDERING INFORMATION
Part Number
Package
Clock
Speed
Military/
commercial
IMSA110-G20S
PGA100
20MHz
commercial
PGA100
(Ceramic Grid Array Package)
1/26


Similar Part No. - IMSA110

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
IMSAP-D001 SYNCMOS-IMSAP-D001 Datasheet
106Kb / 1P
Dimension B1 does not include dambar protrusion
IMSAP-D002 SYNCMOS-IMSAP-D002 Datasheet
120Kb / 1P
Dimension B1 does not include dambar protrusion
IMSAP-D006 SYNCMOS-IMSAP-D006 Datasheet
117Kb / 1P
Dimension B does not include dambar protrusion
More results

Similar Description - IMSA110

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN86074 PANASONIC-MN86074 Datasheet
47Kb / 7P
Image Processing LSI
logo
Sanyo Semicon Device
LC11011-141 SANYO-LC11011-141 Datasheet
148Kb / 7P
Computer Image Signal Processing Full-Color Gray-Scale Processor
LC11014-241 SANYO-LC11014-241 Datasheet
534Kb / 13P
Computer Image Signal Processing Full-Color Gray-Scale Processor
LC99062-W50 SANYO-LC99062-W50 Datasheet
184Kb / 7P
Image Sensor Signal Processing LSI?
logo
Sony Corporation
CXA1201M SONY-CXA1201M Datasheet
375Kb / 18P
VCR IMAGE I/O SIGNAL PROCESSING
logo
List of Unclassifed Man...
HV7131GP ETC-HV7131GP Datasheet
2Mb / 61P
CMOS Image Sensor with Image Signal Processing
HV7161SPA2 ETC-HV7161SPA2 Datasheet
1Mb / 72P
CMOS Image Sensor with Image Signal Processing
HV7131RP ETC-HV7131RP Datasheet
1Mb / 79P
CMOS Image Sensor with Image Signal Processing
logo
Hynix Semiconductor
HV7151SP HYNIX-HV7151SP Datasheet
863Kb / 89P
CMOS Image Sensor with Image Signal Processing
logo
List of Unclassifed Man...
CD7678CP ETC2-CD7678CP Datasheet
259Kb / 8P
Black and white TV image sound system signal processing circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com