Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMSA110 Datasheet(PDF) 14 Page - STMicroelectronics

Part # IMSA110
Description  IMAGE AND SIGNAL PROCESSING SUB.SYSTEM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IMSA110 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button IMSA110 Datasheet HTML 10Page - STMicroelectronics IMSA110 Datasheet HTML 11Page - STMicroelectronics IMSA110 Datasheet HTML 12Page - STMicroelectronics IMSA110 Datasheet HTML 13Page - STMicroelectronics IMSA110 Datasheet HTML 14Page - STMicroelectronics IMSA110 Datasheet HTML 15Page - STMicroelectronics IMSA110 Datasheet HTML 16Page - STMicroelectronics IMSA110 Datasheet HTML 17Page - STMicroelectronics IMSA110 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
Register
Address decimal
Address hex
Function
CR0a
0—6
000—006
Coefficient Registers Bank 0a
CR0b
16—22
010—016
Coefficient Registers Bank 0b
CR0c
32—38
020—026
Coefficient Registers Bank 0c
CR1a
64—70
040—046
Coefficient Registers Bank 1a
CR1b
80—86
050—056
Coefficient Registers Bank 1b
CR1c
96—102
060—066
Coefficient Registers Bank 1c
PCRA
128—129
080—081
PSRA Control Register
PCRB
130—131
082—083
PSRB Control Register
PCRC
132—133
084—085
PSRC Control Register
SCR
144
090
Static Control Register
ACR
146
092
Active Control Register
BCR
160—163
0A0—0A3
Backend Configuration Register
MMB
176—178
0B0—0B2
Maximum/Minimum Buffer
CMM
180
0B4
Copy MMR
OUB
184—186
0B8—0BA
Overshoot/Undershoot Buffer
COU
188
0BC
Copy OUC
TCR
208
0D0
Test Control Register
USR
248—251
0F8—0FB
Upper Saturation Register
LSR
252—255
0FC—0FF
Lower Saturation Register
LUT
256-511
100—1FF
Look up Table
9.2 Registers
CR0a
Coefficient registers bank 0a
These seven 8-bit locations contain coefficients
which can be used by the third, of the three, 7-stage
mac arrays. CR0a(0) (address #000) corresponds
to the coefficient register of this mac array nearest
to its output. Similarly CR0a(6) (address #006)
corresponds to the coefficient register of this mac
nearest to its input. These Coefficient registers can
be written to provided that the other register bank
is in use. Whether the coefficient written is signed
or unsigned is determined by the ‘Unsigned Coef-
ficient’ bit SCR[3]. Once a value is written to a
coefficient register, its value can be read back from
an internal duplicate register. These registers will
be used by the mac array, when ACR[0], ‘Current
Bank’ is set to zero. Writing to these Coefficient
Registers while in use will result in an undefined
operation of the mac array.
CR0b
Coefficient registers bank 0b
These seven 8-bit locations contain coefficients
which can be used by the second, of the three,
7-stage mac arrays in the chain. CR0b(0) (address
#010) corresponds to the coefficient register of this
mac array nearest to its output. Similarly CR0b(6)
(address #016) corresponds to to the coefficient
register of this mac nearest to its input. Their be-
haviour is otherwise identical to CR0a.
IMSA110
14/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com