Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMSA110 Datasheet(PDF) 12 Page - STMicroelectronics

Part # IMSA110
Description  IMAGE AND SIGNAL PROCESSING SUB.SYSTEM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IMSA110 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button IMSA110 Datasheet HTML 8Page - STMicroelectronics IMSA110 Datasheet HTML 9Page - STMicroelectronics IMSA110 Datasheet HTML 10Page - STMicroelectronics IMSA110 Datasheet HTML 11Page - STMicroelectronics IMSA110 Datasheet HTML 12Page - STMicroelectronics IMSA110 Datasheet HTML 13Page - STMicroelectronics IMSA110 Datasheet HTML 14Page - STMicroelectronics IMSA110 Datasheet HTML 15Page - STMicroelectronics IMSA110 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
12
3
CLK
PSRIN
PSROUT
PSRIN latched
Figure 6
PIN DESIGNATIONS
System services
Pin
In/out
Function
VCC, GND
Power supply and return
CLK
in
Input clock
RESET
in
System reset
Synchronous input/output
Pin
In/out
Function
PSRin[7-0]
in
Programmable shift register
input
PSRout[7-0]
out
Programmable shift register
output
Cin[21-0]
in
Cascade input port
Cout[21-0]
out
Cascade output port
Asynchronous input/output
Pin
In/out
Function
E1, E2
in
Memory interface enable
signals
W
in
Memory interface write
enable
ADR[8-0]
in
Memory interface adress bus
D[7-0]
in/out
Memory interface data bus
Note :
Signal names are shown with an overbar if they are active
low, otherwise they are active high.
8.1 System services
System services include all the necessary logic to
start up and maintain the IMS A110.
Power
Power is supplied to the device via the VCC and
GND pins. Several of each are provided to mini-
mise inductance within the package. All supply pins
must be connected. The supply must be decoupled
close to the chip by at least one 100nF low induc-
tance (e.g. ceramic) capacitor between VCC and
GND.
CLK
The clock signal CLK controls the timing of input
and the output on the four dedicated interfaces, and
controls the progress of data through the shift reg-
isters, multiply-accumulate array and post-proc-
essing unit. The A110 is fully static so the clock can
be slowed down or stopped in either state without
corrupting data.
RESET
If this pin is taken low for at least 2 clock cycles, the
control logic within the IMS A110 will be reset and
all of the control and configuration registers will be
initialised to their default values. All other register,
memory locations, datapath registers and shift reg-
isters will not be reset by this signal.
A reset is initiated automatically when power is first
applied to the device. This reset will be completed
once four cycles of CLK have occured after VCC is
valid.
8.2 Synchronous services
PSRin[7-0]
This 8-bit wide bus supplies input data to the de-
vice. The input data enters the first of the three shift
registers in the chain. The timing of this input is
controlled by the CLK signal. The data on the
PSRin port is sampled on the rising edge of the
clock. In a cascade arrangement, this bus will be
connected to the PSRout port of the previous de-
vice. In such an arrangement the PSRin port on the
first device will be the input to the overall cascaded
system.
IMSA110
12/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com