Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29GL01GS Datasheet(PDF) 38 Page - Infineon Technologies AG

Part # S29GL01GS
Description  128 Mb/256 Mb/512 Mb/1 Gb GL-S MIRRORBIT™ Flash
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

S29GL01GS Datasheet(HTML) 38 Page - Infineon Technologies AG

Back Button S29GL01GS Datasheet HTML 34Page - Infineon Technologies AG S29GL01GS Datasheet HTML 35Page - Infineon Technologies AG S29GL01GS Datasheet HTML 36Page - Infineon Technologies AG S29GL01GS Datasheet HTML 37Page - Infineon Technologies AG S29GL01GS Datasheet HTML 38Page - Infineon Technologies AG S29GL01GS Datasheet HTML 39Page - Infineon Technologies AG S29GL01GS Datasheet HTML 40Page - Infineon Technologies AG S29GL01GS Datasheet HTML 41Page - Infineon Technologies AG S29GL01GS Datasheet HTML 42Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 118 page
background image
Datasheet
38
001-98285 Rev. *T
2023-07-17
128 Mb/256 Mb/512 Mb/1 Gb GL-S MIRRORBIT™ Flash
Parallel, 3.0 V
Embedded operations
5.5.2
Data Polling Status
During an active embedded algorithm the EAC switches to the Data Polling ASO to display EA status to any read
access. A single word of status information is aliased in all locations of the device address space. In the status
word there are several bits to determine the status of an EA. These are referred to as DQ bits as they appear on
the data bus during a read access while an EA is in progress. DQ bits 15 to 8, DQ4, and DQ0 are reserved and
provide undefined data. Status monitoring software must mask the reserved bits and treat them as don’t care.
Table 15 and the following subsections describe the functions of the remaining bits.
5.5.2.1
DQ7: Data# Polling
The Data# Polling bit, DQ7, indicates to the host system whether an embedded algorithm is in progress or has
completed. Data# Polling is valid after the rising edge of the final WE# pulse in the program or erase command
sequence. Note that the Data# Polling is valid only for the last word being programmed in the write-buffer-page
during Write Buffer Programming. Reading Data# Polling status on any word other than the last word to be
programmed in the write-buffer-page will return false status information.
During the embedded program algorithm, the device outputs on DQ7 the complement of the data bit
programmed to DQ7. This DQ7 status also applies to programming during Erase Suspend. When the embedded
program algorithm is complete, the device outputs the data bit programmed to bit 7 of the last word
programmed. In case of a Program Suspend, the device allows only reading array data. If a program address falls
within a protected sector, Data# Polling on DQ7 is active for approximately 20 µs, then the device returns to
reading array data.
During the embedded erase or blank check algorithms, Data# Polling produces a ‘0’ on DQ7. When the algorithm
is complete, or if the device enters the Erase Suspend mode, Data# Polling produces a ‘1’ on DQ7. This is
analogous to the complement / true datum output described for the Embedded Program algorithm: the erase
function changes all the bits in a sector to ‘1’; prior to this, the device outputs the complement or ‘0’. The system
must provide an address within the sector selected for erasure to read valid status information on DQ7.
After an erase command sequence is written, if the sector selected for erasing is protected, Data# Polling on DQ7
is active for approximately 100 µs, then the device returns to reading array data.
When the system detects DQ7 has changed from the complement to true data, it can read valid data at
DQ15–DQ0 on the following read cycles. This is because DQ7 may change asynchronously with DQ6–DQ0 while
Output Enable (OE#) is asserted Low. This is illustrated in Figure 29. Table 15 shows the outputs for Data# polling
on DQ7. Figure 4 shows the Data# polling algorithm use in Write Buffer Programming.
Valid DQ7 data polling status may only be read from:
• the address of the last word loaded into the write buffer for a write buffer programming operation;
• the location of a single word programming operation;
• or a location in a sector being erased or blank checked;
• or a location in any sector during chip erase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com