Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29GL01GS Datasheet(PDF) 63 Page - Infineon Technologies AG

Part # S29GL01GS
Description  128 Mb/256 Mb/512 Mb/1 Gb GL-S MIRRORBIT™ Flash
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

S29GL01GS Datasheet(HTML) 63 Page - Infineon Technologies AG

Back Button S29GL01GS Datasheet HTML 59Page - Infineon Technologies AG S29GL01GS Datasheet HTML 60Page - Infineon Technologies AG S29GL01GS Datasheet HTML 61Page - Infineon Technologies AG S29GL01GS Datasheet HTML 62Page - Infineon Technologies AG S29GL01GS Datasheet HTML 63Page - Infineon Technologies AG S29GL01GS Datasheet HTML 64Page - Infineon Technologies AG S29GL01GS Datasheet HTML 65Page - Infineon Technologies AG S29GL01GS Datasheet HTML 66Page - Infineon Technologies AG S29GL01GS Datasheet HTML 67Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 118 page
background image
Datasheet
63
001-98285 Rev. *T
2023-07-17
128 Mb/256 Mb/512 Mb/1 Gb GL-S MIRRORBIT™ Flash
Parallel, 3.0 V
Software interface reference
Table 44
CFI system interface string
Word address
Data
Description
(SA) + 001Bh
0027h
VCC Min. (erase/program) (D7–D4: volts, D3–D0: 100 mV)
(SA) + 001Ch
0036h
VCC Max. (erase/program) (D7–D4: volts, D3–D0: 100 mV)
(SA) + 001Dh
0000h
VPP Min. voltage (00h = no VPP pin present)
(SA) + 001Eh
0000h
VPP Max. voltage (00h = no VPP pin present)
(SA) + 001Fh
0008h
Typical timeout per single word write 2N µs
(SA) + 0020h
0009h
Typical timeout for max
multi-byte program, 2N µs
(00h = not supported)
(SA) + 0021h
0008h
Typical timeout per individual block erase 2N ms
(SA) + 0022h
0012h (1 Gb)
0011h (512 Mb)
0010h (256 Mb)
000Fh (128 Mb)
Typical timeout for full chip erase 2N ms (00h = not supported)
(SA) + 0023h
0001h
Max. timeout for single word write 2N times typical
(SA) + 0024h
0002h
Max. timeout for buffer write 2N times typical
(SA) + 0025h
0003h
Max. timeout per individual block erase 2N times typical
(SA) + 0026h
0003h
Max. timeout for full chip erase 2N times typical
(00h = not supported)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com