Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29GL01GS Datasheet(PDF) 49 Page - Infineon Technologies AG

Part # S29GL01GS
Description  128 Mb/256 Mb/512 Mb/1 Gb GL-S MIRRORBIT™ Flash
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

S29GL01GS Datasheet(HTML) 49 Page - Infineon Technologies AG

Back Button S29GL01GS Datasheet HTML 45Page - Infineon Technologies AG S29GL01GS Datasheet HTML 46Page - Infineon Technologies AG S29GL01GS Datasheet HTML 47Page - Infineon Technologies AG S29GL01GS Datasheet HTML 48Page - Infineon Technologies AG S29GL01GS Datasheet HTML 49Page - Infineon Technologies AG S29GL01GS Datasheet HTML 50Page - Infineon Technologies AG S29GL01GS Datasheet HTML 51Page - Infineon Technologies AG S29GL01GS Datasheet HTML 52Page - Infineon Technologies AG S29GL01GS Datasheet HTML 53Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 118 page
background image
Datasheet
49
001-98285 Rev. *T
2023-07-17
128 Mb/256 Mb/512 Mb/1 Gb GL-S MIRRORBIT™ Flash
Parallel, 3.0 V
Embedded operations
Table 21
Erase Suspend State Command Transition
Current State
Command and
Condition
Read
Software Reset /
ASO Exit
Status Register
Read Enter
Status Register
Clear
Unlock 1
Sector Erase Start
Address
RA
xh
x555h
x555h
x555h
(SA)xh
Data
RD
xF0h
x70h
x71h
xAAh
x30h
ESR [43]
–
ESR
–
ERSR (ESR)
–
–
–
ES
SR(7) = 0
ES
ES
ESSR (ES)
ES
ESUL1
–
SR(7) = 1
SER
ESSR
–
(return)
–
–
–––
Table 22
Erase Suspend Unlock State Command Transition
Current
State
Command
and
Condition
Read
Software
Reset /
ASO Exit
Status
Register
Read
Enter
Unlock 1
Word
Program
Entry
Write to
Buffer
Enter
Write-to-
Buffer-
Abort
Reset
Start
Erase
Resume
Enhanced
Method [44]
DYB ASO
Entry
NOT a valid “Write-to-Buffer-Abort
Reset” Command
Address
RA
xh
x555h
x2AAh
x555h
(SA)xh
x555h
xh
x555h
NOT
x555h
xh
NOT
x2AAh
xh
Data
RD
xF0h
x70h
x55h
xA0h
x25h
xF0h
x30h
xE0h
xh
NOT
xF0h
xh
NOT
x55h
ESUL1
–
ESUL1
–
ESSR (ES)
ESUL2
–
–
–
–
–
––––
SR(3) = 1
ESPG
ESPG
DQ(1) = 1
ESUL2
–
ESUL2
ES
ESSR (ES)
–
ESPG1
ES_WB
–
SER
–
––––
Read
Protect =
False
ESDYB
SR(3) = 1
–
ES
–
ESPG
ESPG
DQ(1) = 1
Table 23
Erase Suspend - DYB State Command Transition
Current
State
Command
and
Condition
Read
SoftwareReset
/ ASO Exit
Status
Register Read
Enter
Status
Register Clear
Command Set
Exit Entry
Command Set
Exit
DYB Set/Clear
Entry
Password
Word Count
Address
RA
xh
x555h
x555h
xh
xh
xh
xh
Data
RD
xF0h
x70h
x71h
x90h
x00h
xA0h
x03h
ESDYB
–
ESDYB
ES
ESSR (ESDYB)
ESDYB
ESDYBEXT
–
ESDYBSET
–
ESDYBSET
–
ESDYBSET
–––––
––
ESDYBEXT
–
ESDYBEXT
––––
ES
–
ES
Notes
43.State will automatically move to ES state by tESL.
44.Also known as Erase Resume/Program Resume Legacy Method.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com