Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29GL01GS Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # S29GL01GS
Description  128 Mb/256 Mb/512 Mb/1 Gb GL-S MIRRORBIT™ Flash
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

S29GL01GS Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button S29GL01GS Datasheet HTML 17Page - Infineon Technologies AG S29GL01GS Datasheet HTML 18Page - Infineon Technologies AG S29GL01GS Datasheet HTML 19Page - Infineon Technologies AG S29GL01GS Datasheet HTML 20Page - Infineon Technologies AG S29GL01GS Datasheet HTML 21Page - Infineon Technologies AG S29GL01GS Datasheet HTML 22Page - Infineon Technologies AG S29GL01GS Datasheet HTML 23Page - Infineon Technologies AG S29GL01GS Datasheet HTML 24Page - Infineon Technologies AG S29GL01GS Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 118 page
background image
Datasheet
21
001-98285 Rev. *T
2023-07-17
128 Mb/256 Mb/512 Mb/1 Gb GL-S MIRRORBIT™ Flash
Parallel, 3.0 V
Embedded operations
5
Embedded operations
5.1
Embedded algorithm controller (EAC)
The EAC takes commands from the host system for programming and erasing the flash memory array and
performs all the complex operations needed to change the non-volatile memory state. This frees the host system
from any need to manage the program and erase processes.
There are four EAC operation categories:
• Standby (Read mode)
• Address space switching
• Embedded algorithms (EA)
• Advanced sector protection (ASP) management
5.1.1
EAC standby
In the standby mode current consumption is greatly reduced. The EAC enters its standby mode when no
command is being processed and no embedded algorithm is in progress. If the device is deselected (CE# = HIGH)
during an embedded algorithm, the device still draws active current until the operation is completed (ICC3). ICC4
in “DC characteristics” on page 78 represents the standby current specification when both the Host Interface
and EAC are in their standby state.
5.1.2
Address space switching
Writing specific address and data sequences (command sequences) switch the memory device address space
from the main flash array to one of the address space overlays (ASO).
Embedded algorithms operate on the information visible in the currently active (entered) ASO. The system
continues to have access to the ASO until the system issues an ASO exit command, performs a hardware RESET,
or until power is removed from the device. An ASO exit command switches from an ASO back to the main flash
array address space. The commands accepted when a particular ASO is entered are listed between the ASO enter
and exit commands in the command definitions table. See “Command summary” on page 58 for address and
data requirements for all command sequences.
5.1.3
Embedded algorithms (EA)
Changing the non-volatile data in the memory array requires a complex sequence of operations that are called
embedded algorithms (EA). The algorithms are managed entirely by the device internal embedded algorithm
controller (EAC). The main algorithms perform programming and erasing of the main array data and the ASO’s.
The host system writes command codes to the flash device address space. The EAC receives the commands,
performs all the necessary steps to complete the command, and provides status information during the progress
of an EA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com