Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29GL01GS Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # S29GL01GS
Description  128 Mb/256 Mb/512 Mb/1 Gb GL-S MIRRORBIT™ Flash
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

S29GL01GS Datasheet(HTML) 1 Page - Infineon Technologies AG

  S29GL01GS Datasheet HTML 1Page - Infineon Technologies AG S29GL01GS Datasheet HTML 2Page - Infineon Technologies AG S29GL01GS Datasheet HTML 3Page - Infineon Technologies AG S29GL01GS Datasheet HTML 4Page - Infineon Technologies AG S29GL01GS Datasheet HTML 5Page - Infineon Technologies AG S29GL01GS Datasheet HTML 6Page - Infineon Technologies AG S29GL01GS Datasheet HTML 7Page - Infineon Technologies AG S29GL01GS Datasheet HTML 8Page - Infineon Technologies AG S29GL01GS Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 118 page
background image
Datasheet
Please read the Important Notice and Warnings at the end of this document
001-98285 Rev. *T
www.infineon.com
page 1
2023-07-17
S29GL01GS, S29GL512S, S29GL256S, S29GL128S
128 Mb/256 Mb/512 Mb/1 Gb GL-S
MIRRORBIT™ Flash
Parallel, 3.0 V
General description
The S29GL01G/512/256/128S are MIRRORBIT™ Eclipse flash products fabricated on 65-nm process technology.
These devices offer a fast page access time as fast as 15 ns with a corresponding random access time as fast as
90 ns. They feature a Write Buffer that allows a maximum of 256 words/512 bytes to be programmed in one
operation, resulting in faster effective programming time than standard programming algorithms. This makes
these devices ideal for today’s embedded applications that require higher density, better performance and lower
power consumption.
Distinctive characteristics
• CMOS 3.0 V core with versatile I/O
• 65 nm MIRRORBIT™ Eclipse technology
• Single supply (VCC) for read / program / erase (2.7 V to 3.6 V)
•Versatile I/O feature
- Wide I/O voltage range (VIO): 1.65 V to VCC
• ×16 data bus
• Asynchronous 32-byte page read
• 512-byte programming buffer
- Programming in page multiples, up to a maximum of 512 bytes
• Single word and multiple program on same word options
• Automatic error checking and correction (ECC) – internal hardware ECC with single bit error correction
• Sector erase
- Uniform 128-kbyte sectors
• Suspend and resume commands for program and erase operations
• Status register, data polling, and ready/busy pin methods to determine device status
• Advanced sector protection (ASP)
- Volatile and non-volatile protection methods for each sector
• Separate 1024-byte one time program (OTP) array with two lockable regions
• Common flash interface (CFI) parameter table
• Temperature range / grade
- Industrial (–40°C to +85°C)
- Industrial plus(–40°C to +105°C)
- Automotive, AEC-Q100 grade 3 (–40°C to +85°C)
- Automotive, AEC-Q100 grade 2 (–40°C to +105°C)
• 100,000 program / erase cycles
• 20 years data retention


Similar Part No. - S29GL01GS

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL01GS SPANSION-S29GL01GS Datasheet
3Mb / 104P
GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
S29GL01GS SPANSION-S29GL01GS Datasheet
3Mb / 104P
GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
S29GL01GS SPANSION-S29GL01GS Datasheet
906Kb / 106P
GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
logo
Cypress Semiconductor
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
logo
Infineon Technologies A...
S29GL01GS INFINEON-S29GL01GS Datasheet
1Mb / 122P
128 Mb/256 Mb/512 Mb/1 Gb GL-S MIRRORBIT™ flash Parallel, 3.0 V
Rev. U 2024-06-25
More results

Similar Description - S29GL01GS

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S83200A ISSI-IS42S83200A Datasheet
917Kb / 49P
256 Mb Synchronous DRAM
logo
SPANSION
S29WS-P SPANSION-S29WS-P Datasheet
1Mb / 89P
512/256/128 Mb (32/16/8 M x 16 bit) 1.8 V Burst Simultaneous Read/Write MirrorBit Flash Memory
logo
California Eastern Labs
NX5312 CEL-NX5312_06 Datasheet
285Kb / 7P
1 310 nm FOR 156 Mb/s, 622 Mb/s, 1.25 Gb/s, InGaAsP MQW-FP LASER DIODE
logo
SPANSION
S29WS-P SPANSION-S29WS-P_07 Datasheet
3Mb / 94P
MirrorBit짰 Flash Family 512/256/128 Mb (32/16/8 M x 16 bit) 1.8 V Burst Simultaneous Read/Write MirrorBit Flash Memory
logo
NEC
NX5322 NEC-NX5322 Datasheet
94Kb / 7P
1 310 nm FOR 156 Mb/s, 622 Mb/s, 1.25 Gb/s, InGaAsP MQW-FP LASER DIODE
logo
Hynix Semiconductor
H27U518S2CTR-BC HYNIX-H27U518S2CTR-BC Datasheet
414Kb / 37P
512 Mb NAND Flash
logo
California Eastern Labs
NX5322 CEL-NX5322 Datasheet
190Kb / 7P
1 310 nm FOR 156 Mb/s, 622 Mb/s, 1.25 Gb/s, InGaAsP MQW-FP LASER DIODE
NX5321 CEL-NX5321 Datasheet
190Kb / 7P
1 310 nm FOR 156 Mb/s, 622 Mb/s, 1.25 Gb/s, FTTH InGaAsP MQW-FP LASER DIODE
logo
List of Unclassifed Man...
SLFLD25-128J ETC2-SLFLD25-128J Datasheet
195Kb / 21P
128 MB to 8 GB 2.5-Inch IDE Flash Drives
logo
Cypress Semiconductor
S79FL256S CYPRESS-S79FL256S Datasheet
2Mb / 111P
256 Mbit (32 MB)/512 Mbit (64 MB), 3 V, Dual-Quad SPI Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com