Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29GL01GS Datasheet(PDF) 81 Page - Infineon Technologies AG

Part # S29GL01GS
Description  128 Mb/256 Mb/512 Mb/1 Gb GL-S MIRRORBIT™ Flash
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

S29GL01GS Datasheet(HTML) 81 Page - Infineon Technologies AG

Back Button S29GL01GS Datasheet HTML 77Page - Infineon Technologies AG S29GL01GS Datasheet HTML 78Page - Infineon Technologies AG S29GL01GS Datasheet HTML 79Page - Infineon Technologies AG S29GL01GS Datasheet HTML 80Page - Infineon Technologies AG S29GL01GS Datasheet HTML 81Page - Infineon Technologies AG S29GL01GS Datasheet HTML 82Page - Infineon Technologies AG S29GL01GS Datasheet HTML 83Page - Infineon Technologies AG S29GL01GS Datasheet HTML 84Page - Infineon Technologies AG S29GL01GS Datasheet HTML 85Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 118 page
background image
Datasheet
81
001-98285 Rev. *T
2023-07-17
128 Mb/256 Mb/512 Mb/1 Gb GL-S MIRRORBIT™ Flash
Parallel, 3.0 V
Timing specifications
11
Timing specifications
11.1
Key to switching waveforms
11.2
AC test conditions
Figure 13
Test setup
Figure 14
Input waveforms and measurement levels
Table 60
Key to switching waveforms
Waveform
Inputs
Outputs
Steady
Changing from H to L
Changing from L to H
Don’t care, any change permitted
Changing, state unknown
Does not apply
Center line is high impedance state (High-Z)
Table 61
Test specification
Parameter
All speeds
Units
Output load capacitance, CL
30
pF
Input rise and fall times[99]
1.5
ns
Input pulse levels
0.0–VIO
V
Input timing measurement reference levels
VIO/2
V
Output timing measurement reference levels
VIO/2
V
CL
Device
Under
Test
VIO
0.0 V
0.5 VIO
0.5 VIO
Output
Measurement Level
Input
Note
99.Measured between VIL max and VIH min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com