Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29GL01GS Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # S29GL01GS
Description  128 Mb/256 Mb/512 Mb/1 Gb GL-S MIRRORBIT™ Flash
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

S29GL01GS Datasheet(HTML) 2 Page - Infineon Technologies AG

  S29GL01GS Datasheet HTML 1Page - Infineon Technologies AG S29GL01GS Datasheet HTML 2Page - Infineon Technologies AG S29GL01GS Datasheet HTML 3Page - Infineon Technologies AG S29GL01GS Datasheet HTML 4Page - Infineon Technologies AG S29GL01GS Datasheet HTML 5Page - Infineon Technologies AG S29GL01GS Datasheet HTML 6Page - Infineon Technologies AG S29GL01GS Datasheet HTML 7Page - Infineon Technologies AG S29GL01GS Datasheet HTML 8Page - Infineon Technologies AG S29GL01GS Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 118 page
background image
Datasheet
2
001-98285 Rev. *T
2023-07-17
128 Mb/256 Mb/512 Mb/1 Gb GL-S MIRRORBIT™ Flash
Parallel, 3.0 V
Performance summary
• Packaging options
- 56-pin TSOP
- 64-ball LAA Fortified BGA, 13 mm × 11 mm
- 64-ball LAE Fortified BGA, 9 mm × 9 mm
- 56-ball VBU Fortified BGA, 9 mm × 7 mm
Performance summary
Maximum read access times
Density Voltage range
Random access
time (tACC)
Page access time
(tPACC)
CE# access time
(tCE)
OE# access time
(tOE)
128 Mb
Full VCC = VIO
90
15
90
25
VersatileIO VIO
100
25
100
35
256 Mb
Full VCC = VIO
90
15
90
25
VersatileIO VIO
100
25
100
35
512 Mb
Full VCC = VIO
100
15
100
25
VersatileIO VIO
110
25
110
35
1 Gb
Full VCC = VIO
100
15
100
25
VersatileIO VIO
110
25
110
35
Typical program and erase rates
Operation
Rates
Buffer programming (512 bytes)
1.5 MBps
Sector erase (128 kbytes)
477 kBps
Maximum current consumption
Operation
Unit
Active read at 5 MHz, 30 pF
60 mA
Program
100 mA
Erase
100 mA
Standby
100 µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com