Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADGM3144BCCZ-R2 Datasheet(PDF) 27 Page - Analog Devices

Part # ADGM3144BCCZ-R2
Description  3mm × 3mm SP4T MEMS Switch, 0Hz/DC to 30GHz
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM3144BCCZ-R2 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADGM3144BCCZ-R2 Datasheet HTML 22Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 23Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 24Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 25Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 26Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 27Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 28Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 29Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
Data Sheet
ADGM3144
CRITICAL OPERATIONAL REQUIREMENTS
analog.com
Rev. 0 | 27 of 30
Electrical Overstress (EOS) Precautions
ADGM3144 is susceptible to EOS. Therefore, observe the following
precautions:
►
The ADGM3144 is an ESD-sensitive device. Observe all normal
handling precautions, including working only on static dissipative
surfaces, wearing wrist straps or other ESD control devices, and
storing unused devices in conductive foam.
►
Avoid running measurement instruments, such as digital multi-
meters (DMMs), in autorange modes. Some instruments can
generate large transient compliance voltages when switching
between ranges.
►
Use the highest practical DMM range setting (the lowest res-
olution) for resistance measurements to minimize compliance
voltages, particularly during switching.
►
Coaxial cables can store charge and lead to EOS when directly
connected to the switch. Discharge cables before connecting
directly to the switch.
►
Avoid connecting capacitive terminations directly to the switch,
as shown in Figure 74. A shunt capacitor can store a charge
that can potentially lead to hot switching events when the switch
opens or closes, affecting the lifetime of the switch.
Figure 74. Avoid Large Capacitor Directly Connected to the Switch
Mechanical Shock Precautions
The ADGM3144 passes Group D mechanical shocks tests, as
detailed in Absolute Maximum Ratings. These tests validate the
robustness of the device to normal mechanical shocks.
The device should not be used if dropped. To reduce excessive me-
chanical shock and ESD events, avoid handling of loose devices,
as outlined in Figure 75.
Figure 75. Situations to Avoid During Handling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com