Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADGM3144BCCZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # ADGM3144BCCZ-R2
Description  3mm × 3mm SP4T MEMS Switch, 0Hz/DC to 30GHz
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM3144BCCZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADGM3144BCCZ-R2 Datasheet HTML 6Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 7Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 8Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 9Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 10Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 11Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 12Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 13Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Data Sheet
ADGM3144
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 10 of 30
Figure 7. Absolute RON vs. Switch Actuation Number
Figure 8. RON Drift vs. Switch Actuation Number, Normalized at Zero
Figure 9. Absolute RON vs. Switch Actuation Number over Different Currents
Applied During Actuations
Figure 10. RON Drift vs. Switch Actuation Number over Different Currents
Applied During Actuations, Normalized at Zero
Figure 11. Absolute RON vs. Switch Actuation Number over Temperature
Figure 12. RON Drift vs. Switch Actuation Number over Temperature,
Normalized at Zero



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com