Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADGM3144BCCZ-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # ADGM3144BCCZ-R2
Description  3mm × 3mm SP4T MEMS Switch, 0Hz/DC to 30GHz
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM3144BCCZ-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADGM3144BCCZ-R2 Datasheet HTML 7Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 8Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 9Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 10Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 11Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 12Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 13Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 14Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Data Sheet
ADGM3144
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 11 of 30
Figure 13. Absolute RON vs. Time (1ms to 10sec) over Different Channels,
Multiple Devices
Figure 14. RON Drift vs. Time (1ms to 10sec) over Different Channels, Multiple
Devices, Normalized at Zero
Figure 15. Absolute RON vs. Time (1ms to 10sec) over Different Current
Levels, Multiple Devices
Figure 16. RON Drift vs. Time (1ms to 10sec) over Different Current Levels,
Multiple Devices, Normalized at Zero
Figure 17. Absolute RON vs. Time (1ms to 10sec) over Temperature, Multiple
Devices
Figure 18. RON Drift vs. Time (1ms to 10sec) over Temperature, Multiple
Devices, Normalized at Zero



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com