Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADGM3144BCCZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # ADGM3144BCCZ-R2
Description  3mm × 3mm SP4T MEMS Switch, 0Hz/DC to 30GHz
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM3144BCCZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  ADGM3144BCCZ-R2 Datasheet HTML 1Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 2Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 3Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 4Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 5Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 6Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 7Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 8Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Data Sheet
ADGM3144
3mm × 3mm SP4T MEMS Switch, 0Hz/DC to 30GHz
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
|
Tel: 781.935.5565
|
©2025 Analog Devices, Inc. All rights reserved.
FEATURES
►
Operational frequency range:
►
−3dB bandwidth:
►
DC to 19GHz (typical) for RF1, RF4
►
DC to 17GHz (typical) for RF2, RF3
►
−6dB bandwidth:
►
DC to 29GHz (typical) for RF1, RF4
►
DC to 22GHz (typical) for RF2, RF3
►
High bit rate capability up to 64Gbps
►
Low insertion loss:
►
0.55dB (typical) at 6GHz
►
0.85dB (typical) at 10GHz
►
Off isolation:
►
26dB (typical) at 6GHz
►
23dB (typical) at 10GHz
►
Return loss:
►
28dB (typical) at 6GHz
►
25dB (typical) at 10GHz
►
High input IIP3: 70dBm (typical)
►
High RF power handling: 33dBm (maximum)
►
On resistance: 1.9Ω (typical)
►
High DC current handling: 200mA (maximum)
►
High switch cycle count: 100 million cycles (minimum at +85°C)
►
Fast switching time: 200µs TON (maximum)
►
Integrated 3.3V driver for simple control with parallel interface
and SPI
►
Space saving integrated passive shunt resistors
►
Small 24-lead, 3mm × 3mm × 1.5mm land grid array package
►
Temperature range: −40°C to +85°C
APPLICATIONS
►
ATE load and probe boards
►
DC with high speed loopback testing
►
Supports digital standards: high speed serialization/deserializa-
tion, PCIe Gen4/Gen5/Gen6, USB 4, and PAM 4
►
Relay replacements
►
Reconfigurable filters and attenuators
►
Military and microwave radios
►
Cellular infrastructure: 5G mmWave
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram
GENERAL DESCRIPTION
The ADGM3144 is a wideband, single-pole, four-throw (SP4T)
switch, fabricated using Analog Devices, Inc., microelectromechani-
cal system (MEMS) switch technology. This technology enables a
small form factor, wide RF bandwidth, highly linear, low insertion
loss switch that is operational down to 0Hz/DC, making it an ideal
solution for a wide range of RF and precision equipment switching
needs.
An integrated driver chip generates a high voltage to electrostatical-
ly actuate switch that can be controlled by a parallel interface or
a serial peripheral interface (SPI). All switches are independently
controllable.
The device is packaged in a 24-lead, 3mm × 3mm × 1.5mm
land grid array package. To ensure optimum operation of the
ADGM3144 refer to the Critical Operational Requirements section.
The on-resistance (RON) performance of the ADGM3144 is affected
by part-to-part variation, channel-to-channel variation, cycle actua-
tions, settling time post turn on, bias voltage, and temperature
changes.
COMPANION PRODUCTS
►
Quad PMU : AD5522
►
SP4T MEMS switch: ADGM1144, ADGM1304, ADGM1004
►
Low noise, LDO regulators: ADP7142, LT1962, LT3045-1


Similar Part No. - ADGM3144BCCZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADGM3121 AD-ADGM3121 Datasheet
9Mb / 33P
3mm × 3mm DPDT MEMS Switch, 0Hz/DC to 24GHz
Rev. 0
ADGM3121BCCZ AD-ADGM3121BCCZ Datasheet
9Mb / 33P
3mm × 3mm DPDT MEMS Switch, 0Hz/DC to 24GHz
Rev. 0
ADGM3121BCCZ-R2 AD-ADGM3121BCCZ-R2 Datasheet
9Mb / 33P
3mm × 3mm DPDT MEMS Switch, 0Hz/DC to 24GHz
Rev. 0
ADGM3121BCCZ-RL7 AD-ADGM3121BCCZ-RL7 Datasheet
9Mb / 33P
3mm × 3mm DPDT MEMS Switch, 0Hz/DC to 24GHz
Rev. 0
More results

Similar Description - ADGM3144BCCZ-R2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3428 LINER-LTC3428 Datasheet
213Kb / 12P
4A, 2MHz Dual Phase Step-Up DC/DC Converter in 3mm 3mm DFN
logo
Maxim Integrated Produc...
MAX8586 MAXIM-MAX8586 Datasheet
245Kb / 11P
Single 1.2A USB Switch in 3mm x 3mm TDFN
Rev 0; 11/04
logo
Micrel Semiconductor
MIC4720 MICREL-MIC4720 Datasheet
1Mb / 21P
3mm x 3mm 2.0MHz 2A Integrated Switch Buck Regulator
logo
Maxim Integrated Produc...
MAX8586 MAXIM-MAX8586_09 Datasheet
298Kb / 13P
Single 1.2A USB Switch in 3mm x 3mm TDFN
Rev 1; 1/09
logo
Linear Technology
LTC3428 LINER-LTC3428_15 Datasheet
225Kb / 12P
4A, 2MHz Dual Phase Step-Up DC/DC Converter in 3mm 3mm DFN
logo
Pasternack Enterprises,...
PE71S6135 PASTERNACK-PE71S6135 Datasheet
436Kb / 6P
SP4T Electromechanical Relay Switch DC to 40 GHz
PE71S6139 PASTERNACK-PE71S6139 Datasheet
446Kb / 6P
SP4T Electromechanical Relay Switch DC to 40 GHz
logo
Analog Devices
ADH244S AD-ADH244S Datasheet
149Kb / 7P
DC to 4 GHz SP4T Non-Reflective Switch
ADGM1144 AD-ADGM1144 Datasheet
2Mb / 28P
0 Hz/DC to 18 GHz, SP4T, MEMS Switch
Rev. 0
logo
Teledyne Technologies I...
TDSW030A2T TELEDYNE-TDSW030A2T Datasheet
810Kb / 8P
dc-30GHz Reflective GaAs SPDT Switch
June 16, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com