Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADGM3144BCCZ-R2 Datasheet(PDF) 9 Page - Analog Devices

Part # ADGM3144BCCZ-R2
Description  3mm × 3mm SP4T MEMS Switch, 0Hz/DC to 30GHz
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM3144BCCZ-R2 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADGM3144BCCZ-R2 Datasheet HTML 5Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 6Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 7Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 8Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 9Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 10Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 11Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 12Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Data Sheet
ADGM3144
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 9 of 30
Figure 6. ADGM3144 Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VDD
Positive Power Supply Input. For the recommended input voltage see Table 1. Place a 0.1μF decoupling capacitor to GND
as close to this pin as possible. The decoupling capacitor should be rated to at least 16V DC.
2, 4, 6, 7, 8, 9, 11, 12, 13,
14, 16, 18
GND
Ground Return.
3
RF4
RF4 Port. This pin can be an input or an output. If the pin is unused, it is recommended to either terminate it with a
50Ω resistor to GND (to prevent resonances in high-speed and RF applications) or tie it directly to GND (for DC-only
applications).
5
RF3
RF3 Port. This pin can be an input or an output. If the pin is unused, it is recommended to either terminate it with a
50Ω resistor to GND (to prevent resonances in high-speed and RF applications) or tie it directly to GND (for DC-only
applications).
10
RFC
Common RFC Port. This pin can be an input or an output.
15
RF2
RF2 Port. This pin can be an input or an output. If the pin is unused, it is recommended to either terminate it with a
50Ω resistor to GND (to prevent resonances in high-speed and RF applications) or tie it directly to GND (for DC-only
applications).
17
RF1
RF1 Port. This pin can be an input or an output. If the pin is unused, it is recommended to either terminate it with a
50Ω resistor to GND (to prevent resonances in high-speed and RF applications) or tie it directly to GND (for DC-only
applications).
19
PIN/SPI
Parallel Mode Enable/SPI Mode Enable. The SPI interface is enabled when this pin is high, and the parallel interface (IN1,
IN2, IN3, IN4) is enabled when this pin is low.
20
IN1/SDO
Parallel Logic Digital Control Input 1 (IN1). The voltage applied to this pin controls the gate of the RF1 to RFC MEMS
switch. In SPI mode, this pin is the serial data output (SDO) pin.
21
IN2/SCLK
Parallel Logic Digital Control Input 2 (IN2). The voltage applied to this pin controls the gate of the RF2 to RFC MEMS
switch. In SPI mode, this pin is the serial clock (SCLK) that synchronizes the target device(s) to the controller device.
22
IN3/CS
Parallel Logic Digital Control Input 3 (IN3). The voltage applied to this pin controls the gate of the RF3 to RFCB MEMS
switch. In SPI mode, this pin is the chip select (CS). CS is an active low signal that selects the target device with which the
controller device intends to communicate.
23
IN4/SDI
Parallel Logic Digital Control Input 4 (IN4). The voltage applied to this pin controls the gate of the RF4 to RFCB MEMS
switch. In SPI mode, this pin is the serial data input (SDI).
24
VCP
Driver IC output. This pin outputs 80V DC. Place a 0.1nF decoupling capacitor to GND as close to this pin as possible. The
decoupling capacitor should be rated to at least 100V DC.
EP
Exposed Pad. EP is internally connected to GND. Connect this pad to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com