Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADGM3144BCCZ-R2 Datasheet(PDF) 3 Page - Analog Devices

Part # ADGM3144BCCZ-R2
Description  3mm × 3mm SP4T MEMS Switch, 0Hz/DC to 30GHz
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM3144BCCZ-R2 Datasheet(HTML) 3 Page - Analog Devices

  ADGM3144BCCZ-R2 Datasheet HTML 1Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 2Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 3Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 4Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 5Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 6Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 7Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 8Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Data Sheet
ADGM3144
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 30
VDD = 3.0V to 3.6V, GND = 0V, and all specifications at 25°C, unless otherwise noted.
Table 1. Specifications
Parameter
Symbol
Min
Typ1
Max
Unit
Test Conditions/Comments2
ON-RESISTANCE PROPERTIES
Initial On-Resistance Properties
On Resistance
RON
1.9
3
Ω
Drain source current (IDS) = 50 mA, 0V input
bias, at 1ms after first actuation, maximum
specification from −40°C to 85°C
On-Resistance Match Between
Channels
ΔRON
CH_CH
0.8
Ω
Maximum value tested from −40°C to 85°C
On-Resistance Drift
Over Time
ΔRON TIME
−0.32
Ω
RON changed from 1ms to 100ms after first
actuation, maximum value tested from −40°C to
85°C
Over Actuations
ΔRON
0.2
0.32
Ω
Absolute change after 106 actuations, switch is
actuated at 25°C and RON is measured at 25°C
±0.7
Ω
Absolute change after 100 × 106 actuations,
switch is actuated at 25°C and RON is measured
at 25°C
2
Ω
Absolute change after 100 × 106 actuations,
switch is actuated at 85°C and RON is measured
at 25°C, actuation frequency = 289Hz
RELIABILITY PROPERTIES
Continuously On Lifetime
10
Years
Time before failure3 at 85°C
Actuation Lifetime
Cold Switched
100 × 106
500 × 106
Actuations
Load between toggling is 150mA, tested at 85°C
RF Hot Switched
RF power = continuous wave (CW), terminated
into 50Ω, 50% of test population failure point
(T50)
7dBm
500 × 106
Actuations
10dBm
150 × 106
Actuations
13dBm
30 × 106
Actuations
20dBm
20 × 103
Actuations
DC Hot Switched
Terminated into 50Ω, RFx load capacitance =
10μF, 50% of test population failure point (T50)
0.5V or 9mA
500 × 106
Actuations
1V or 18mA
500 × 106
Actuations
2.5V or 46mA
35 × 106
Actuations
3.5V or 65mA
6.5 × 103
Actuations
5V or 93mA
2 × 103
DYNAMIC CHARACTERISTICS
Operational Frequency Range
−3dB Bandwidth
19
GHz
RF1, RF4
17
GHz
RF2, RF3
−6dB Bandwidth
29
GHz
RF1, RF4
22
GHz
RF2, RF3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com