Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADGM3144BCCZ-R2 Datasheet(PDF) 23 Page - Analog Devices

Part # ADGM3144BCCZ-R2
Description  3mm × 3mm SP4T MEMS Switch, 0Hz/DC to 30GHz
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM3144BCCZ-R2 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADGM3144BCCZ-R2 Datasheet HTML 19Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 20Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 21Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 22Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 23Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 24Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 25Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 26Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
Data Sheet
ADGM3144
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 23 of 30
POWER SUPPLY RAILS
The ADGM3144 can operate with unipolar supplies between 3.0V
and 3.6V. The device is fully specified at a 3.3V analog supply
voltage.
POWER SUPPLY RECOMMENDATIONS
Analog Devices, Inc., has a wide range of power management
products to meet the requirements of most high performance signal
chains.
Figure 63 shows an example of a unipolar solution for the
ADGM3144. The ADP7142 is a low dropout linear regulator that
operates from 2.7V to 40V and is ideal for the regulation of high
performance analog and mixed-signal circuits operating from 39V
down to 1.2V rails. The ADP7142 has 11µV rms output noise
independent of the output voltage. The ADP7142 can be used to
power the supply rail for the ADGM3144, a microcontroller, and/or
other devices in the signal chain.
Figure 63. Unipolar Power Solution
If low noise performance at the power supply is required, the
ADP7142 can be replaced by the LT1962 or LT3045-1.
Table 8. Recommended Power Management Devices
Product
Description
ADP7142
40V, 200mA, low noise, CMOS low dropout (LDO) linear regula-
tor
LT1962
300mA, low noise, micropower, LDO regulator
LT3045-1
20V, 500mA, ultra-low noise, ultra-high power supply rejection
ratio (PSRR) linear regulator with voltage for input to output
control (VIOC)
HIGH-SPEED DIGITAL LOOPBACK
Testing high-speed input and output (HSIO) interfaces, such as
peripheral component interconnect express (PCIe) Gen 4.0 and
PCIe Gen 5.0, in a high volume manufacturing environment is a
challenge. A common approach to validate an HSIO interface is
the implementation of a high-speed loopback test method. This in-
corporates both high-speed and DC test paths in one configuration.
To perform high-speed loopback testing, generally a pseudorandom
bit sequence (PRBS) is transmitted at high speed from the transmit-
ter and received at the receiver end after being looped back on
the load board or test board. At the receiver end, the sequence is
analyzed to calculate the bit error rate (BER).
DC parametric tests are performed on the input and output pins,
such as a continuity test and a leakage test, to ensure device
functionality. To perform these tests, the input/output pins of the
DUT must be connected directly to a DC instrument where the DC
measurement of the input/output pin is executed.
The ADGM3144 offers both high speed digital and DC testing
capability with superior density in a small 3mm × 3mm × 1.5mm
LGA package, as shown in Figure 64. The MEMS switch also
enables communication from the tester to the device under test
(DUT). The ADGM3144 provides excellent performance from DC to
16GHz, which allows the switch to handle both high-speed signals
up to 64Gbps and precision DC signals.
Figure 64. ADGM3144 Enabling Both High-Speed Digital and DC Testing
SWITCHABLE RF ATTENUATOR
It is common to see RF attenuator networks used in RF instru-
mentation equipment, such as vector network analyzers, spectrum
analyzers, and signal generators. Routing RF signals through an at-
tenuator enables the equipment to accept higher power signals and
increase the dynamic range of the instrument. In RF attenuation ap-
plications, such as vector network analyzers, spectrum analyzers,
and signal generators, maintaining the bandwidth of the signal after
it passes through the network is critical. Any degradation of the
signal reduces the performance of the equipment. Therefore, the
RF characteristics of the switches used for routing are integral to
the quality of an attenuator network.
The ADGM3144 MEMS switch is suited for use as a switchable RF
attenuator due to its low flat insertion loss, wide RF bandwidth, and
high reliability. The ADGM3144, as an SP4T switch, also provides
added flexibility. Figure 65 shows an example of an attenuation
network configuration using two ADGM3144 switches and three
different attenuators. The fourth channel of the switches is used as
a nonattenuated route.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com