Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADGM3144BCCZ-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # ADGM3144BCCZ-R2
Description  3mm × 3mm SP4T MEMS Switch, 0Hz/DC to 30GHz
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGM3144BCCZ-R2 Datasheet(HTML) 5 Page - Analog Devices

  ADGM3144BCCZ-R2 Datasheet HTML 1Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 2Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 3Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 4Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 5Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 6Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 7Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 8Page - Analog Devices ADGM3144BCCZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Data Sheet
ADGM3144
SPECIFICATIONS
analog.com
Rev. 0 | 5 of 30
Table 1. Specifications (Continued)
Parameter
Symbol
Min
Typ1
Max
Unit
Test Conditions/Comments2
Off Switching Time4, 5
tOFF
200
µs
50% INx to 10% (0.05dB of final IL value) RFx,
50 Ω termination, −40°C to 85°C See Figure 5
for details.
Power-Up Time
4
5
ms
VCP cap = 100pF, −40°C to +85°C
Video Feedthrough
10
mV peak
1 MΩ termination at RFx and 50Ω termination at
RFC
Actuation Frequency
5
kHz
Both switches toggled simultaneously
Internal Oscillator Frequency
8.6
10
11
MHz
Internal Oscillator Feedthrough
−92.5
dBm
See note6 for measurement setup details
−115.5
dBm/Hz
This value comes from calculations
Signal Timing Parameters
Simulated digitally using measured s-parameter
models
Phase Delta Between Channels
2.75
degree
Propagation Delay
49.5
ps
RF1 to RFC, see Figure 49
48.5
ps
RF2 to RFC, see Figure 49
48.6
ps
RF3 to RFC, see Figure 49
50
ps
RF4 to RFC, see Figure 49
Channel-to-Channel Skew
0.5
ps
RF1 to RFC, RF4 to RFC, see Figure 50
0.2
ps
RF2 to RFC, RF3 to RFC, see Figure 50
1.2
ps
RF1/4 to RFC, RF2/3 to RFC, see Figure 50
CAPACITANCE PROPERTIES
At 1MHz, includes LGA package capacitance
Input to Output Off Capacitance
CDS(OFF)
30
fF
Capacitance from input to output derived
from off isolation measurements, see Deriving
CDS(OFF) from Off Isolation section
On Switch Channel Capacitance
CON
3.4
pF
Capacitance measured on RFx with respect to
ground when RFx to RFC is on
Off Switch Channel Capacitance
COFF
1.9
pF
Capacitance measured on RFx with respect to
ground when all switches are off
LEAKAGE PROPERTIES
On Leakage7
0.7
1.1
1.39
µA
RFx (off channels) = +6V; RFC/RFx (on
channel) = −6V; maximum value tested from
−40°C to +85°C
Off Leakage7
0.34
0.6
0.77
µA
RFx = +6V; RFC = −6V; maximum value tested
from −40°C to +85°C
Internal Shunt Resistor
8.7
11.5
15.2
MΩ
Typical temperature coefficient = 27.5kΩ/°C,
maximum and minimum value tested at 25°C
DIGITAL INPUTS
Minimum and maximum over −40°C to 85°C
Input High Voltage
VINH
2
V
Input Low Voltage
VINL
0.8
V
Input Current
IINL/IINH
0.025
1
µA
VIN = VINL or VINH
Capacitance
5
pF
DIGITAL OUTPUTS
Minimum and maximum over −40°C to 85°C
Output Low Voltage
VOL
0.4
VMAX
ISINK = 1mA
Output High Voltage
VOH
VDD − 0.4V
VMIN
ISOURCE = 1mA
Capacitance
5
pF
POWER REQUIREMENTS
Minimum and maximum over −40°C to 85°C.
Supply Voltage
VDD
3.0
3.6
V
Supply Current
IDD
2.5
mA
Digital inputs = 0V or VDD, SDO floating in SPI
mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com