Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8941GEFL/V Datasheet(PDF) 47 Page - Wolfson Microelectronics plc

Part # WM8941GEFL/V
Description  Mono CODEC with Speaker Driver and Video Buffer
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8941GEFL/V Datasheet(HTML) 47 Page - Wolfson Microelectronics plc

Back Button WM8941GEFL/V Datasheet HTML 43Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 44Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 45Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 46Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 47Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 48Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 49Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 50Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 51Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 96 page
background image
Pre Production
WM8941
w
PP, Rev 3.3, December 2007
47
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
3:0
LIMBOOST
0000
Limiter volume boost (can be used as a
stand alone volume boost when
LIMEN=0):
0000 = 0dB
0001 = +1dB
0010 = +2dB
0011 = +3dB
0100 = +4dB
0101 = +5dB
0110 = +6dB
0111 = +7dB
1000 = +8dB
1001 = +9dB
1010 = +10dB
1011 = +11dB
1100 = +12dB
1101 to 1111 = reserved
Table 33 DAC Digital Limiter Control
ANALOGUE OUTPUTS
The WM8941 has a single MONO output and two outputs SPKOUTP and SPOUTN for driving a
mono BTL speaker. These analogue output stages are supplied from SPKVDD and are capable of
driving up to 1V rms signals.
SPKOUTP/SPKOUTN OUTPUTS
The SPKOUT pins can drive a single bridge tied 8Ω speaker or two headphone loads of 16
Ω or 32Ω
or a line output (see Headphone Output and Line Output sections, respectively). The signal to be
output on SKPKOUT comes from the Speaker Mixer circuit and can be any combination of the DAC
output, the Bypass path (output of the boost stage) and the AUX input. The SPKOUTP/N volume is
controlled by the SPKVOL register bits. Note that gains over 0dB may cause clipping if the signal is
large. The SPKMUTE register bit causes the speaker outputs to be muted (the output DC level is
driven out). The output pins remains at the same DC level (VMIDOP), so that no click noise is
produced when muting or un-muting.
The SPKOUTN pin always drives out an inverted version of the SPKOUTP signal.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
5
AUX2SPK
0
Output of auxiliary amplifier to speaker
mixer input
0 = not selected
1 = selected
1
BYP2SPK
0
Bypass path (output of input boost
stage) to speaker mixer input
0 = not selected
1 = selected
R50
Speaker mixer
control
0
DAC2SPK
0
Output of DAC to speaker mixer input
0 = not selected
1 = selected
R54
Bypass path
attenuation
control
8
SPKATTN
0
Attenuation control for bypass path
(output of input boost stage) to speaker
mixer input
0 = 0dB
1 = -10dB
Table 34 Speaker Mixer Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com