Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8941GEFL/V Datasheet(PDF) 77 Page - Wolfson Microelectronics plc

Part # WM8941GEFL/V
Description  Mono CODEC with Speaker Driver and Video Buffer
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8941GEFL/V Datasheet(HTML) 77 Page - Wolfson Microelectronics plc

Back Button WM8941GEFL/V Datasheet HTML 73Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 74Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 75Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 76Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 77Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 78Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 79Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 80Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 81Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 96 page
background image
Pre Production
WM8941
w
PP, Rev 3.3, December 2007
77
REGISTER BITS BY ADDRESS
Notes:
1. Default values of N/A indicate non-latched data bits (e.g. software reset or volume update bits).
2. Register bits marked as "Reserved" should not be changed from the default.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
0 (00h)
[15:0] RESET /
CHIP_ID
N/A
Writing to this register will apply a software reset.
Reading from this register will return the device id
Resetting the
Chip /
Control Interface
15:9
00h
Reserved
8
VMID_OP_EN
0
Enables the non-VMID derived bias current generator
without enabling the VMID buffer. This bit must be set
to 1 if output amplifiers are to be enabled before VMID
is active. Once VMID and VMID buffer are enabled
this bit can be left set to 0 or left set to 1.
Power
Management
7
LVLSHIFT_EN
0
Enable bit for the level shifters. 1 for normal operation,
0 for standby.
Power
Management
6
AUXEN
0
Auxilliary input buffer enable
0 = OFF
1 = ON
Auxiliary Inputs
5
PLLEN
0
PLL enable
0=PLL off
1=PLL on
Master Clock and
Phase Locked
Loop (PLL)
4
MICBEN
0
Microphone Bias Enable
0 = OFF (high impedance output)
1 = ON
Microphone
Biasing Circuit
3
BIASEN
0
Analogue amplifier bias control
0=Disabled
1=Enabled
Power
Management
2:0
DEVICE_REVI
SION
000
Readback from this register will return the device
revision in this position
Control Interface
2
BUFIOEN
0
Enable bit for the VMID buffer. The VMID buffer is
used to maintain a buffered VMID voltage on all
analogue input and output pins. 1. for normal
operation 0. for standby (where inputs and outputs
settle to GND).
Enabling the
Outputs
1 (01h)
1:0
VMIDSEL
00
Reference string impedance to VMID pin:
00=off (open circuit)
01=50kΩ
10=250kΩ
11=5kΩ
Power
Management
15:5
000h
Reserved
4
BOOSTEN
0
Input BOOST enable
0 = Boost stage OFF
1 = Boost stage ON
Input Boost
3
0
Reserved
2
INPPGAEN
0
Input microphone PGA enable
0 = disabled
1 = enabled
Input Signal Path
1
0
Reserved
2 (02h)
0
ADCEN
0
ADC Enable Control
0 = ADC disabled
1 = ADC enabled
Analogue to
Digital Converter
(ADC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com