Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8941GEFL/V Datasheet(PDF) 53 Page - Wolfson Microelectronics plc

Part # WM8941GEFL/V
Description  Mono CODEC with Speaker Driver and Video Buffer
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8941GEFL/V Datasheet(HTML) 53 Page - Wolfson Microelectronics plc

Back Button WM8941GEFL/V Datasheet HTML 49Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 50Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 51Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 52Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 53Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 54Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 55Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 56Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 57Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 96 page
background image
Pre Production
WM8941
w
PP, Rev 3.3, December 2007
53
VIDEO BUFFER
DESCRIPTION
The WM8941 incorporates a current mode output video buffer capable of operating from a 2.5V
supply, with an input 3rd order Low Pass Filter (LPF) and clamp. The gain through this buffer can be
programmed as 0dB or 6dB (=6dB or 12dB unloaded) via the control interface. The current mode
output means that the signal swing seen at the output of the buffer will be the same as that at the
connection to the receiving equipment (e.g. a TV). Note that the input to the receiver should be AC
coupled and terminated to 75
Ω, as is standard, for best performance.
Figure 25 Video Buffer
The input clamp should be enabled when using AC coupling at the input to the video buffer, using
the VBCLAMPEN register bit.
Care should be taken with PCB layout, designing for at least 1GHz frequencies to avoid degrading
performance. Vias and sharp corners should be avoided and parasitic capacitance minimised on
signal paths, which should be kept as short and straight as possible. The VBVDD supply should be
decoupled as close to the pin as possible. See the “External Components” section for more
information.
LOW PASS FILTER
A low pass filter is integrated at the video buffer input, which is intended to remove images in the
video DAC output waveform at multiples of the DAC clock frequency. A 3rd order Butterworth filter is
used, with the following characteristics:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com