Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8941GEFL/V Datasheet(PDF) 94 Page - Wolfson Microelectronics plc

Part # WM8941GEFL/V
Description  Mono CODEC with Speaker Driver and Video Buffer
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8941GEFL/V Datasheet(HTML) 94 Page - Wolfson Microelectronics plc

Back Button WM8941GEFL/V Datasheet HTML 88Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 89Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 90Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 91Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 92Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 93Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 94Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 95Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 96Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 94 / 96 page
background image
WM8941
Pre Production
w
PP, Rev 3.3, December 2007
94
PACKAGE DIAGRAM
DM042.B
FL: 28 PIN QFN PLASTIC PACKAGE 4 X 4 X 0.75 mm BODY, 0.45 mm LEAD PITCH
INDEX AREA
(D/2 X E/2)
TOP VIEW
D
E
4
NOTES:
1. DIMENSION b APPLIES TO METALLIZED TERMINAL AND IS MEASURED BETWEEN 0.15 mm AND 0.30 mm FROM TERMINAL TIP.
2. FALLS WITHIN JEDEC, MO-220.
3. ALL DIMENSIONS ARE IN MILLIMETRES.
4. THE TERMINAL #1 IDENTIFIER AND TERMINAL NUMBERING CONVENTION SHALL CONFORM TO JEDEC 95-1 SPP-002.
5. COPLANARITY APPLIES TO THE EXPOSED HEAT SINK SLUG AS WELL AS THE TERMINALS.
6. REFER TO APPLICATIONS NOTE WAN_0118 FOR FURTHER INFORMATION REGARDING PCB FOOTPRINTS AND QFN PACKAGE SOLDERING.
7. DEPENDING ON THE METHOD OF LEAD TERMINATION AT THE EDGE OF THE PACKAGE, PULL BACK (L1) MAY BE PRESENT.
8. THIS DRAWING IS SUBJECT TO CHANGE WITHOUT NOTICE.
Dimensions (mm)
Symbols
MIN
NOM
MAX
NOTE
A
A1
A3
0.70
0.75
0.80
0.05
0.02
0
0.203 REF
b
D
D2
E
E2
e
G
0.185
0.175
4.00
2.65
2.6
2.55
0.45 BSC
0.375
0.425
0.475
2
2
4.00
2.65
2.6
2.55
0.10
aaa
bbb
ccc
REF:
0.15
0.10
JEDEC, MO-220
Tolerances of Form and Position
0.18
DETAIL 1
DETAIL 2
A
7
1
15
21
28
22
14
e
D2
8
1
B
C
bbbM
A
BOTTOM VIEW
C
aaa
2 X
C
aaa
2 X
1
C
A3
SEATING PLANE
DETAIL 2
A1
C
0.08
C
ccc
A
5
SIDE VIEW
L
EXPOSED
GROUND
PADDLE
6
DETAIL 1
0.30mm
45
degrees
EXPOSED
GROUND
PADDLE
e
Datum
DETAIL 2
Terminal
tip
e/2
R
E2
SEE DETAIL 2
A3
b
Exposed lead
0.226 Ref.
3.95
4.05
3.95
4.05
G
L
0.560
b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com