Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8941GEFL/V Datasheet(PDF) 87 Page - Wolfson Microelectronics plc

Part # WM8941GEFL/V
Description  Mono CODEC with Speaker Driver and Video Buffer
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8941GEFL/V Datasheet(HTML) 87 Page - Wolfson Microelectronics plc

Back Button WM8941GEFL/V Datasheet HTML 83Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 84Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 85Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 86Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 87Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 88Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 89Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 90Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 91Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 96 page
background image
Pre Production
WM8941
w
PP, Rev 3.3, December 2007
87
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
5
AUX2SPK
0
Output of auxiliary amplifier to speaker mixer input
0 = not selected
1 = selected
Analogue Outputs
4:2
000
Reserved
1
BYP2SPK
0
Bypass path (output of input boost stage) to speaker
mixer input
0 = not selected
1 = selected
Analogue Outputs
0
DAC2SPK
0
Output of DAC to speaker mixer input
0 = not selected
1 = selected
Analogue Outputs
51 (33h)
15:0
0000h
Reserved
52 (34h)
15:0
0000h
Reserved
53 (35h)
15:0
0000h
Reserved
15:9
00h
Reserved
8
SPKATTN
0
Attenuation control for bypass path (output of input
boost stage) to speaker mixer input
0 = 0dB
1 = -10dB
Analogue Outputs
7
SPKZC
0
Speaker Volume control zero cross enable:
1 = Change gain on zero cross only
0 = Change gain immediately
Analogue Outputs
6
SPKMUTE
1
Speaker output mute enable
0=Speaker output enabled
1=Speaker output muted (VMIDOP)
Analogue Outputs
54 (36h)
5:0
SPKVOL
111001
Speaker Volume Adjust
111111 = +6dB
111110 = +5dB
… (1.0 dB steps)
111001=0dB
…
000000=-57dB
Analogue Outputs
55 (37h)
15:0
0000h
Reserved
15:8
00h
Reserved
7
MONOATTN
0
Attenuation control for bypass path (output of input
boost stage) to mono mixer input
0 = 0dB
1 = -10dB
Analogue Outputs
6
MONOMUTE
0
MONOOUT Mute Control
0=No mute
1=Output muted. During mute the mono output will
output VMID which can be used as a DC reference for
a headphone out.
Analogue Outputs
5:3
0
Reserved
2
AUX2MONO
0
Output of Auxiliary amplifier to mono mixer input:
0 = not selected
1 = selected
Analogue Outputs
1
BYP2MONO
0
Bypass path (output of input boost stage) to mono
mixer input
0 = non selected
1 = selected
Analogue Outputs
56 (38h)
0
DAC2MONO
0
Output of DAC to mono mixer input
0 = not selected
1 = selected
Analogue Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com