Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8941GEFL/V Datasheet(PDF) 82 Page - Wolfson Microelectronics plc

Part # WM8941GEFL/V
Description  Mono CODEC with Speaker Driver and Video Buffer
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8941GEFL/V Datasheet(HTML) 82 Page - Wolfson Microelectronics plc

Back Button WM8941GEFL/V Datasheet HTML 78Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 79Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 80Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 81Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 82Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 83Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 84Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 85Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 86Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 96 page
background image
WM8941
Pre Production
w
PP, Rev 3.3, December 2007
82
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
13:0
NF0_A0
0000h
Notch Filter 0 a0 coefficient
Analogue to
Digital Converter
(ADC)
15
NF0_UP
0
Notch filter 0 update. The notch filter 0 values used
internally only update when one of the NF0_UP bits is
set high.
Analogue to
Digital Converter
(ADC)
14
0
Reserved
17 (11h)
13:0
NF0_A1
0000h
Notch Filter 0 a1 coefficient
Analogue to
Digital Converter
(ADC)
15
NF1_UP
0
Notch filter 1 update. The notch filter 1 values used
internally only update when one of the NFU bits is set
high.
Analogue to
Digital Converter
(ADC)
14
NF1_EN
0
Notch Filter 1 enable.
0=Disabled
1=Enabled
Analogue to
Digital Converter
(ADC)
18 (12h)
13:0
NF1_A0
0000h
Notch Filter 1 a0 coefficient
Analogue to
Digital Converter
(ADC)
15
NF1_UP
0
Notch filter 1 update. The notch filter 1 values used
internally only update when one of the NFU bits is set
high.
Analogue to
Digital Converter
(ADC)
14
0
Reserved
19 (13h)
13:0
NF1_A1
0000h
Notch Filter 1 a1 coefficient
Analogue to
Digital Converter
(ADC)
15
NF2_UP
0
Notch filter 2 update. The notch filter 2 values used
internally only update when one of the NFU bits is set
high.
Analogue to
Digital Converter
(ADC)
14
NF2_EN
0
Notch Filter 2 enable.
0=Disabled
1=Enabled
Analogue to
Digital Converter
(ADC)
20 (14h)
13:0
NF2_A0
0000h
Notch Filter 2 a0 coefficient
Analogue to
Digital Converter
(ADC)
15
NF2_UP
0
Notch filter 2 update. The notch filter 2 values used
internally only update when one of the NFU bits is set
high.
Analogue to
Digital Converter
(ADC)
14
0
Reserved
21 (15h)
13:0
NF2_A1
0000h
Notch Filter 2 a1 coefficient
Analogue to
Digital Converter
(ADC)
15
NF3_UP
0
Notch filter 3 update. The notch filter 3 values used
internally only update when one of the NFU bits is set
high.
Analogue to
Digital Converter
(ADC)
14
NF3_EN
0
Notch Filter 3 enable
0=Disabled
1=Enabled
Analogue to
Digital Converter
(ADC)
22 (16h)
13:0
NF3_A0
0000h
Notch Filter 3 a0 coefficient
Analogue to
Digital Converter
(ADC)
15
NF3_UP
0
Notch filter 3 update. The notch filter 3 values used
internally only update when one of the NFU bits is set
high.
Analogue to
Digital Converter
(ADC)
23 (17h)
14
NF3_LP
0
Notch Filter 3 mode select
0 = Notch Filter mode
1 = Low Pass Filter mode
Analogue to
Digital Converter
(ADC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com