Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8941GEFL/V Datasheet(PDF) 72 Page - Wolfson Microelectronics plc

Part # WM8941GEFL/V
Description  Mono CODEC with Speaker Driver and Video Buffer
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8941GEFL/V Datasheet(HTML) 72 Page - Wolfson Microelectronics plc

Back Button WM8941GEFL/V Datasheet HTML 68Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 69Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 70Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 71Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 72Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 73Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 74Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 75Page - Wolfson Microelectronics plc WM8941GEFL/V Datasheet HTML 76Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 96 page
background image
WM8941
Pre Production
w
PP, Rev 3.3, December 2007
72
RECOMMENDED POWER UP/DOWN SEQENCE
In order to minimise output pop and click noise, it is recommended that the WM8941 device is
powered up and down using one of the following sequences:
Power Up:
1.
Turn on external power supplies. Wait for supply voltages to settle.
2.
Reset internal registers to default state (software reset).
3.
Enable non-VMID derived bias generator (VMID_OP_EN = 1) and level shifters
(LVLSHIFT_EN = 1).
4.
Enable DAC soft mute (DACMU = 1).
5.
Select Clock source to MCLK (CLKSEL = 0) and audio mode (Master or Slave).
6.
Enable Power on Bias Control (POB_CTRL = 1) and VMID soft start
(SOFT_START = 1).
7.
Enable speaker outputs (SPKPEN = 1, SPKNEN = 1) and wait for outputs to
settle.
8.
Set VMIDSEL[1:0] bits for 50kΩ reference string impedance.
9.
Wait for the VMID supply to settle. *Note 2.
10.
Enable analogue amplifier bias control (BIASEN = 1) and VMID buffer (BUFIOEN
= 1). *Notes 1 and 2.
11.
Disable Power on Bias Control (POB_CTRL = 0) and VMID soft start
(SOFT_START = 0).
12.
Enable DAC (DACEN =1) and Speaker Mixer (SPKMIXEN = 1).
13.
Enable output of DAC to speaker mixer (DAC2SPK = 1).
14.
Disable speaker mute (SPKMUTE = 0) and set SPKVOL = -57dB.
15.
Ramp up the SPKVOL using the following values:
-27 dB, -21 dB, -15 dB, -13 dB, -11 dB, -9 dB, -8 dB, -7 dB, -6 dB, -5 dB, -4 dB, -3
dB, -2 dB, -1 dB, 0 dB.
16.
Disable DAC soft mute (DACMU = 0).
Power Down:
1.
Enable DAC soft mute (DACMU = 1).
2.
Enable non-VMID derived bias generator (VMID_OP_EN = 1).
3.
Enable on Bias Control (POB_CTRL = 1).
4.
Disable analogue amplifier bias control (BIASEN = 0) and VMID (VMIDSEL[1:0]
bits set to OFF).
5.
Enable Fast VMID Discharge (TOGGLE = 1) to discharge VMID capacitor.
6.
Wait for VMID capacitor to fully discharge.
7.
Enable speaker output mute (SPKMUTE = 1).
8.
Disable DAC (DACEN = 0), speaker mixer (SPKMIX = 0), and speaker outputs
(SPKPEN = 0 and SPKNEN = 0).
9.
Reset all registers to their default state (software reset).
10.
Turn off external power supply voltages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com