Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M28W640HCT Datasheet(PDF) 43 Page - Numonyx B.V

Part # M28W640HCT
Description  64 Mbit (4 Mb x 16, boot block) 3 V supply Flash memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M28W640HCT Datasheet(HTML) 43 Page - Numonyx B.V

Back Button M28W640HCT Datasheet HTML 39Page - Numonyx B.V M28W640HCT Datasheet HTML 40Page - Numonyx B.V M28W640HCT Datasheet HTML 41Page - Numonyx B.V M28W640HCT Datasheet HTML 42Page - Numonyx B.V M28W640HCT Datasheet HTML 43Page - Numonyx B.V M28W640HCT Datasheet HTML 44Page - Numonyx B.V M28W640HCT Datasheet HTML 45Page - Numonyx B.V M28W640HCT Datasheet HTML 46Page - Numonyx B.V M28W640HCT Datasheet HTML 47Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 72 page
background image
M28W640HCT, M28W640HCB
Package mechanical
43/72
Figure 14.
TFBGA48 6.39 x 10.5 mm - 8 x 6 ball array, 0.75 mm pitch, bottom view
package outline
1.
Drawing is not to scale.
Table 21.
TFBGA48 6.39 x 10.5 mm - 8 x 6 ball array, 0.75 mm pitch, package
mechanical data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A1.20
0.047
A1
0.26
0.010
A2
1.00
0.039
b
0.40
0.35
0.45
0.016
0.014
0.018
D
6.39
6.29
6.49
0.252
0.248
0.255
D1
5.250
–
–
0.207
–
–
ddd
0.10
0.004
E
10.50
10.40
10.60
0.413
0.409
0.417
E1
3.75
–
–
0.148
–
–
e0.75–
–
0.029
–
–
FD
0.57
–
–
0.022
–
–
FE
3.37
–
–
0.133
–
–
SD
0.37
–
–
0.015
–
–
SE
0.37
–
–
0.015
–
–
E1
E
D1
D
A2
A1
A
BGA-Z34
ddd
e
e
SD
SE
b
FE
FD
BALL "A1"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com