Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M28W640HCT Datasheet(PDF) 24 Page - Numonyx B.V

Part # M28W640HCT
Description  64 Mbit (4 Mb x 16, boot block) 3 V supply Flash memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M28W640HCT Datasheet(HTML) 24 Page - Numonyx B.V

Back Button M28W640HCT Datasheet HTML 20Page - Numonyx B.V M28W640HCT Datasheet HTML 21Page - Numonyx B.V M28W640HCT Datasheet HTML 22Page - Numonyx B.V M28W640HCT Datasheet HTML 23Page - Numonyx B.V M28W640HCT Datasheet HTML 24Page - Numonyx B.V M28W640HCT Datasheet HTML 25Page - Numonyx B.V M28W640HCT Datasheet HTML 26Page - Numonyx B.V M28W640HCT Datasheet HTML 27Page - Numonyx B.V M28W640HCT Datasheet HTML 28Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 72 page
background image
Command interface
M28W640HCT, M28W640HCB
24/72
Table 8.
Program, Erase times and Program/Erase endurance cycles
Parameter
Test conditions
M28W640HCT, M28W640HCB
Unit
Min
Typ
Max
Word Program
VPP =VDD
10
200
µs
Double Word Program
VPP =12V±5%
10
200
µs
Quadruple Word Program
VPP =12V±5%
10
200
µs
Main Block Program
VPP = 12 V ± 5%
0.16/0.08(1)
5s
VPP = VDD
0.32
5
s
Parameter Block Program
VPP =12V±5%
0.02/0.01(1)
4s
VPP =VDD
0.04
4
s
Main Block Erase
VPP =12V±5%
1
10
s
VPP =VDD
110
s
Parameter Block Erase
VPP =12V±5%
0.4
10
s
VPP =VDD
0.4
10
s
Program/Erase cycles (per block)
100,000
cycles
1.
Typical time to program a main or parameter block using the Double Word Program and the Quadruple Word Program
commands respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com