Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M28W640HCT Datasheet(PDF) 54 Page - Numonyx B.V

Part # M28W640HCT
Description  64 Mbit (4 Mb x 16, boot block) 3 V supply Flash memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M28W640HCT Datasheet(HTML) 54 Page - Numonyx B.V

Back Button M28W640HCT Datasheet HTML 50Page - Numonyx B.V M28W640HCT Datasheet HTML 51Page - Numonyx B.V M28W640HCT Datasheet HTML 52Page - Numonyx B.V M28W640HCT Datasheet HTML 53Page - Numonyx B.V M28W640HCT Datasheet HTML 54Page - Numonyx B.V M28W640HCT Datasheet HTML 55Page - Numonyx B.V M28W640HCT Datasheet HTML 56Page - Numonyx B.V M28W640HCT Datasheet HTML 57Page - Numonyx B.V M28W640HCT Datasheet HTML 58Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 72 page
background image
Common Flash interface (CFI)
M28W640HCT, M28W640HCB
54/72
Table 26.
CFI query identification string(1)
1.
Query data are always presented on the lowest order data outputs (DQ7-DQ0) only. DQ8-DQ15 are ‘0’.
Offset
Data
Description
Value
00h
0020h
Manufacturer code
Numonyx
01h
8848h
8849h
Device code
Top
Bottom
02h-0Fh reserved Reserved
10h
0051h
‘Q’
11h
0052h
Query unique ASCII string ‘QRY’
‘R’
12h
0059h
‘Y’
13h
0003h
Primary algorithm command set and control interface ID code 16
bit ID code defining a specific algorithm
Intel
compatible
14h
0000h
15h
0035h
Address for primary algorithm extended query table (see Table 28)P = 35h
16h
0000h
17h
0000h
Alternate vendor command set and control interface ID code
second vendor - specified algorithm supported (0000h means
none exists)
NA
18h
0000h
19h
0000h
Address for Alternate algorithm extended query table
(0000h means none exists)
NA
1Ah
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com