Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M28W640HCT Datasheet(PDF) 44 Page - Numonyx B.V

Part # M28W640HCT
Description  64 Mbit (4 Mb x 16, boot block) 3 V supply Flash memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M28W640HCT Datasheet(HTML) 44 Page - Numonyx B.V

Back Button M28W640HCT Datasheet HTML 40Page - Numonyx B.V M28W640HCT Datasheet HTML 41Page - Numonyx B.V M28W640HCT Datasheet HTML 42Page - Numonyx B.V M28W640HCT Datasheet HTML 43Page - Numonyx B.V M28W640HCT Datasheet HTML 44Page - Numonyx B.V M28W640HCT Datasheet HTML 45Page - Numonyx B.V M28W640HCT Datasheet HTML 46Page - Numonyx B.V M28W640HCT Datasheet HTML 47Page - Numonyx B.V M28W640HCT Datasheet HTML 48Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 72 page
background image
Ordering information
M28W640HCT, M28W640HCB
44/72
10
Ordering information
Note:
Devices are shipped from the factory with the memory content bits erased to ’1’. For a list of
available options (speed, package, etc.) or for further information on any aspect of this
device, please contact the Numonyx Sales Office nearest to you.
Table 22.
Ordering information scheme
Example:
M28W640HCT 70
N
6 E
Device type
M28
Operating voltage
W = VDD = 2.7 V to 3.6 V
Device function
640HC = 64 Mbit (4 Mb x 16), boot block
Array matrix
T = top boot
B = bottom boot
Speed
70 = 70 ns
Package
N = TSOP48: 12 x 20 mm
ZB = TFBGA48: 6.39 x 10.5 mm, 0.75 mm pitch
Temperature range
6 = –40 to 85 °C
Option
E = ECOPACK® package, standard packing
F = ECOPACK® package, tape & reel packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com