Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M28W640HCT Datasheet(PDF) 68 Page - Numonyx B.V

Part # M28W640HCT
Description  64 Mbit (4 Mb x 16, boot block) 3 V supply Flash memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M28W640HCT Datasheet(HTML) 68 Page - Numonyx B.V

Back Button M28W640HCT Datasheet HTML 64Page - Numonyx B.V M28W640HCT Datasheet HTML 65Page - Numonyx B.V M28W640HCT Datasheet HTML 66Page - Numonyx B.V M28W640HCT Datasheet HTML 67Page - Numonyx B.V M28W640HCT Datasheet HTML 68Page - Numonyx B.V M28W640HCT Datasheet HTML 69Page - Numonyx B.V M28W640HCT Datasheet HTML 70Page - Numonyx B.V M28W640HCT Datasheet HTML 71Page - Numonyx B.V M28W640HCT Datasheet HTML 72Page - Numonyx B.V  
Zoom Inzoom in Zoom Outzoom out
 68 / 72 page
background image
Command interface and Program/Erase controller state
M28W640HCT, M28W640HCB
68/72
Prog. Sus
Read CFI
‘1’
CFI
Prog.
Sus
Read
Array
Program Suspend to
Read Array
Program
(continue)
Prog. Sus
Read
Array
Program
(continue)
Prog.
Sus
Read
Sts
Prog.
Sus
Read
Array
Program
(complete)
‘1’
Status
Read
Array
Program
Setup
Erase
Setup
Read Array
Read
Status
Read
Array
Erase
Setup
‘1’
Status
Erase Command Error
Erase
(continue)
Erase
CmdError
Erase
(continue)
Erase Command
Error
Erase
Cmd.Error
‘1’
Status
Read
Array
Program
Setup
Erase
Setup
Read Array
Read
Status
Read
Array
Erase
(continue)
‘0’
Status
Erase (continue)
Erase Sus
Read Sts
Erase (continue)
Erase Sus
Read Sts
‘1’
Status
Erase
Sus
Read
Array
Program
Setup
Erase
Sus
Read
Array
Erase
(continue)
Erase Sus
Read
Array
Erase
(continue)
Erase
Sus
Read
Sts
Erase
Sus
Read
Array
Erase Sus
Read Array
‘1’
Array
Erase
Sus
Read
Array
Program
Setup
Erase
Sus
Read
Array
Erase
(continue)
Erase Sus
Read
Array
Erase
(continue)
Erase
Sus
Read
Sts
Erase
Sus
Read
Array
Erase Sus
Read
Elect.Sg.
‘1’
Electronic
Signature
Erase
Sus
Read
Array
Program
Setup
Erase
Sus
Read
Array
Erase
(continue)
Erase Sus
Read
Array
Erase
(continue)
Erase
Sus
Read
Sts
Erase
Sus
Read
Array
Erase Sus
Read CFI
‘1’
CFI
Erase
Sus
Read
Array
Program
Setup
Erase
Sus
Read
Array
Erase
(continue)
Erase Sus
Read
Array
Erase
(continue)
Erase
Sus
Read
Sts
Erase
Sus
Read
Array
Erase
(complete)
‘1’
Status
Read
Array
Program
Setup
Erase
Setup
Read Array
Read
Status
Read
Array
1.
Cmd = Command, Elect.Sg. = Electronic Signature, Ers = Erase, Prog. = Program, Prot = Protection, Sus = Suspend.
Table 31.
Write state machine current/next(1) (continued)
Current
state
SR
bit
7
Data when
Read
Command input (and next state)
Read
Array
(FFh)
Program
Setup
(10/40h)
Erase
Setup
(20h)
Erase
Confirm
(D0h)
Prog/Ers
Suspend
(B0h)
Prog/Ers
Resume
(D0h)
Read
Status
(70h)
Clear
Status
(50h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com