Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M28W640HCT Datasheet(PDF) 11 Page - Numonyx B.V

Part # M28W640HCT
Description  64 Mbit (4 Mb x 16, boot block) 3 V supply Flash memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M28W640HCT Datasheet(HTML) 11 Page - Numonyx B.V

Back Button M28W640HCT Datasheet HTML 7Page - Numonyx B.V M28W640HCT Datasheet HTML 8Page - Numonyx B.V M28W640HCT Datasheet HTML 9Page - Numonyx B.V M28W640HCT Datasheet HTML 10Page - Numonyx B.V M28W640HCT Datasheet HTML 11Page - Numonyx B.V M28W640HCT Datasheet HTML 12Page - Numonyx B.V M28W640HCT Datasheet HTML 13Page - Numonyx B.V M28W640HCT Datasheet HTML 14Page - Numonyx B.V M28W640HCT Datasheet HTML 15Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 72 page
background image
M28W640HCT, M28W640HCB
Description
11/72
Figure 4.
Block addresses
1.
Also see Appendix A, Tables 23 and 24 for a full listing of the block addresses.
Figure 5.
Protection register memory map
AI09905b
4 Kwords
3FFFFF
3FF000
32 Kwords
00FFFF
008000
32 Kwords
007FFF
000000
M28W640HCT
Top boot block addresses
4 Kwords
3F8FFF
3F8000
32 Kwords
3F0000
3F7FFF
Total of 8
4 Kword blocks
Total of 127
32 Kword blocks
4 Kwords
3FFFFF
3F8000
32 Kwords
32 Kwords
000FFF
000000
M28W640HCB
Bottom boot block addresses
4 Kwords
3F7FFF
00FFFF
32 Kwords
3F0000
008000
Total of 127
32 Kword blocks
Total of 8
4 Kword blocks
007FFF
007000
AI05520b
User programmable OTP
Unique device number
Protection register lock
1
0
8Ch
85h
84h
81h
80h
PROTECTION REGISTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com