Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M28W640HCT Datasheet(PDF) 53 Page - Numonyx B.V

Part # M28W640HCT
Description  64 Mbit (4 Mb x 16, boot block) 3 V supply Flash memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M28W640HCT Datasheet(HTML) 53 Page - Numonyx B.V

Back Button M28W640HCT Datasheet HTML 49Page - Numonyx B.V M28W640HCT Datasheet HTML 50Page - Numonyx B.V M28W640HCT Datasheet HTML 51Page - Numonyx B.V M28W640HCT Datasheet HTML 52Page - Numonyx B.V M28W640HCT Datasheet HTML 53Page - Numonyx B.V M28W640HCT Datasheet HTML 54Page - Numonyx B.V M28W640HCT Datasheet HTML 55Page - Numonyx B.V M28W640HCT Datasheet HTML 56Page - Numonyx B.V M28W640HCT Datasheet HTML 57Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 72 page
background image
M28W640HCT, M28W640HCB
Common Flash interface (CFI)
53/72
Appendix B
Common Flash interface (CFI)
The Common Flash interface is a JEDEC approved, standardized data structure that can be
read from the Flash memory device. It allows a system software to query the device to
determine various electrical and timing parameters, density information and functions
supported by the memory. The system can interface easily with the device, enabling the
software to upgrade itself when necessary.
When the CFI Query command (RCFI) is issued the device enters CFI Query mode and the
data structure is read from the memory. Tables 25, 26, 27, 28, 29 and 30 show the
addresses used to retrieve the data.
The CFI data structure also contains a security area where a 64 bit unique security number
is written (see Table 30: Security code area). This area can be accessed only in Read mode
by the final user. It is impossible to change the security number after it has been written by
Numonyx. Issue a Read command to return to Read mode.
Table 25.
Query structure overview(1)
1.
Query data are always presented on the lowest order data outputs.
Offset
Sub-section name
Description
00h
Reserved
Reserved for algorithm-specific information
10h
CFI Query identification string
Command set ID and algorithm data offset
1Bh
System interface information
Device timing & voltage information
27h
Device geometry definition
Flash device layout
P
Primary algorithm-specific extended query
table
Additional information specific to the primary
algorithm (optional)
A
Alternate algorithm-specific extended query
table
Additional information specific to the
alternate algorithm (optional)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com