| Electronic Components Datasheet Search |
|
TLE4964-2M Datasheet(PDF) 32 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE4964-2M Datasheet(HTML) 32 Page - Infineon Technologies AG |
|
32 / 91 page ![]() 32 www.infineon.com/hall-switches TLE4966V-1G Vertical dual-Hall switch The Infineon vertical double Hall switch TLE4966V-1G is a further development of the TLX4966 xG family. Completely new is the vertical orientation of the Hall plates resulting in in-plane field sensitivity which enables entirely new application layouts. Designed in a new technology, this device offers high voltage capabilities with very small current consumption. The product can be operated from unregulated power supplies, which offers our customers unique freedom of design for their system. This product is AEC-Q100 certified and enables our customers to build systems for the highest automotive quality requirements. Features › Saves space › Easy mounting of sensor and PCB board › Allows increased mounting flexibility › Enables new, compact system designs Magnetic encoder N N S S S Vertical Hall plate 2 Vertical Hall plate 1 Sensing direction parallel to target to wheel Hall switches Product Type Output Operating point BOP [mT] Release point BRP [mT] Hysteresis ΔBHY [mT] Automotive Industrial Consumer Package TLE4966G/L Double Hall, speed and direction output Speed and direction 7.5 -7.5 15 l l l TSOP6/ SSO-4-1 TLE4966-2G Double Hall, two independent outputs Speed and direction 7.5 -7.5 15 l l l TSOP6 TLE4966-3G Double Hall, speed and direction output Speed and direction 2.5 -2.5 5 l l l TSOP6 TLE4966V-1G Vertical double Hall, speed and direction output Speed and direction 2.5 -2.5 5 l l l TSOP6 TLI4966G Double Hall, speed and direction output Speed and direction 7.5 -7.5 15 – l l TSOP6 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |