| Electronic Components Datasheet Search |
|
TLE4964-2M Datasheet(PDF) 37 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE4964-2M Datasheet(HTML) 37 Page - Infineon Technologies AG |
|
37 / 91 page ![]() 37 Linear sensors Linear sensors Programmable dual channel linear Hall sensor with fast SPC interface for high precision applications Infineon’s TLE4999C8 is a programmable dual channel linear Hall sensor designed to meet the requirements of safety critical automotive and industrial applications. It is developed in full compliance with ISO 26262 by means of two sensor elements included within one monolithic silicon design. In order to fulfill the state-of-the-art safety requirements on system level and enable ASIL D system developments the sensor cells are designed in a complementary way. Their signals follow two inde- pendent analog paths. Each signal path has its own digital signal processing unit to ensure maximum independency - redundancy, respectively. The sensor offers a multi-point calibration with up to 9 selectable set points for enhanced lineariza- tion of the output signal. For an easy and flexible adaptation to non-linearity of magnetic circuit design, the chip provides 5 different calibration characteristics. TLE4999C features a digital Short-PWM-Code (SPC) interface, with a bus-capability for up to 4 sensor ICs on a single data output. The communication interface with min. 0.5 µs unit time guarantees a fast transmission of complete 2 channel data signal in less than 500 µs. The additionally implemented frame holder circuit en- ables the synchronicity of multiple sensors (e.g. in combination of angle sensors) via a SPC bus. The chip offers a 12, 14 and 16 Bit resolution of the output signal, ensuring highest flexibility and superior noise performance. Highest accuracy over a wide temperature range and lifetime is achieved by an integrated digital temperature- and stress-compensation. The chip is available in a thin 8-pin SMD single sensor package. www.infineon.com/linear-halls CBUF VDD Sub HTS-ADC Main HADC Supply Sub analog regulator Digital regulator Main analog regulator SPC encoder Sub bias ROM 2 ROM 1 Sub T-sensing element Sub S-sensing element A Sub Hall DSP 2 D A DSP 1 D GND OUT Main bias EEPROM SICI Main T-sensing element Main S-sensing element Main Hall Pedal |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |