Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4964-2M Datasheet(PDF) 70 Page - Infineon Technologies AG

Part # TLE4964-2M
Description  Sensor solutions for automotive, industrial and consumer applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4964-2M Datasheet(HTML) 70 Page - Infineon Technologies AG

Back Button TLE4964-2M Datasheet HTML 66Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 67Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 68Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 69Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 70Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 71Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 72Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 73Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 74Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 91 page
background image
70
Radar sensors for IoT & consumer devices
As market leader in radar chips, we offer a wide portfolio of mmWave radar sensors as part of our XENSIV™ sensor family –
including Doppler radar as well as FMCW radar systems. This portfolio includes the smallest 24 GHz MMIC in the market as
well as the most integrated and largest 24 GHz radar transceiver family currently available. Those radar chips are designed
to support different industrial, smart home, and consumer applications. In addition, we also offer radar sensors in the
60 GHz range, which are used in consumer products such as Smart TVs or the Google Pixel 4 Smartphone.
Motion detection with radar offers significant advantages over
PIR and other motion-sensing technologies
With our 24 and 60 GHz radar sensors, we cover a wide range of applications. Many of them are based on motion detection
triggering systems like lighting solutions, automatic doors, camera and security systems, or smart home devices. In con-
trast to other motion detection technologies like PIR, radar technology offers significant advantages. These include smaller
system sizes, greater accuracy, and more precise measurements of detected objects. In addition, radar can also determine
the direction of a moving object, speed of an object, distance, and depending on the antenna configuration, even the
position of a moving object.
Applications for Infineon’s radar sensors
Air flow control for ACs
with segmentation
Intrusion detection
Air flight control
Streetlighting
Altimeter and collision
avoidance in UAVs
People tracking and occupancy
detection in IoT/smart home
Gesture control on TV
Proximity sensing for
smart home devices
Indoor and outdoor
lighting systems
Collision avoidance
Rear and side
detection
for bicycles
Proximity sensor to
activate appliances
Privacy protection for laptops with presence sensing
BSD (blind spot detection) in the car
Intruder alarm/presence
detection in surveillance
Automatic door
opening systems
Sensing of vital functions
www.infineon.com/radar-for-iot
Radar sensor for IoT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com