Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4964-2M Datasheet(PDF) 72 Page - Infineon Technologies AG

Part # TLE4964-2M
Description  Sensor solutions for automotive, industrial and consumer applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4964-2M Datasheet(HTML) 72 Page - Infineon Technologies AG

Back Button TLE4964-2M Datasheet HTML 68Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 69Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 70Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 71Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 72Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 73Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 74Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 75Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 76Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 91 page
background image
72
www.infineon.com/radar-for-iot
Radar sensor for IoT
Example applications that can benefit from radar technology
When to use 24 GHz or 60 GHz radar technology
In the 24 GHz range, the bandwidth for FMCW
radar operations covers 250 MHz within the
regulated ISM band. In the 60 GHz regime, an
unlicensed ultra-wideband of up to 7 GHz can
be used for short-range applications. Conse-
quently, 60 GHz FMCW radar systems can offer a
better resolution and therefore allow additional
use cases such as human tracking and segmen-
tation. Even gesture control, material classifica-
tion, or the monitoring of various vital functions
(respiration, heartbeat, or even blood pressure)
is possible with radar technology due to micro-
motion detection.
Smart Home
Home appliances
Gesture control
Robust, discreet, small
Activate displays based
on presence around
Additional gesture
package available
Direction of travel to
remove false opening
Track people to move the
airflow away from them
Object recognition and
classification
Privacy protection, and
increased accuracy
Eliminate keyword
based activation
Robust, small footprint,
accurate
Indoor and outdoor.
Resistant to harsh weather
Safe energy & OLED
lifetime by turning off
Safety, accuracy and
efficiency
Small, hidden, sensitive
Enhance gaming
experience
Breathing & heart rate
measurement
Door opening
Air conditioners
Material detection
Security
Smart speaker
Service robots
Lighting
TV
Robotics
Monitors and laptops
Gaming and VR
Vital sensing
Detection range
Up to 10 m
Up to 100 m
Up to x28 related to 24 GHz
No
Yes
~625 mm
~125 mm
<1 mW possible
<1 mW possible
Good penetration
Limited penetration
Unsusceptible
Vulnerable
24 GHz
60 GHz
vs.
Radar sensors for industrial and consumer applications
Range resolution
Integrated antennas
System size
Power consumption
Detection through
obstacles
Enviromental
robustness
Physical aspect
Regulatory aspect
Product aspect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com