Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4964-2M Datasheet(PDF) 38 Page - Infineon Technologies AG

Part # TLE4964-2M
Description  Sensor solutions for automotive, industrial and consumer applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4964-2M Datasheet(HTML) 38 Page - Infineon Technologies AG

Back Button TLE4964-2M Datasheet HTML 34Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 35Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 36Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 37Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 38Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 39Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 40Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 41Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 42Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 91 page
background image
38
Features
› Fully ISO 262626 compliant, supports ASIL D systems
› < 2 % sensitivity drift, < 100 µT offset drift
overtemperature and life time specification
› Integrated digital temperature- and stress-compensation
› Fast digital SPC interface with a unit time down to 0.5 µs
› Multi-point calibration with up to 9 linearization
set points
Key benefits
› High diagnostic coverage, ISO 26262-compliancy and
dual sensor cell integration enable development of fail
operational systems
› Multi-point calibration for better fit into various magnetic
circuit designs
› Easy system integration due to programmability
of several sensor parameters
Infineon ISO 26262 dual channel linear Hall product portfolio
Sales name
Interface
Magnetic
linear range
[mT]
Sensitivity
Sensitivity
drift
[%]
Gain
Magnetic
offset drift
[µT]1)
ISO 26262 Ordering code Package
TLE4997A8D
Analog
ratiometric
50, 100, 200
±60 mV/mT default
for 100 mT range,
with gain 1.5
±3
±4
< ±400
Ready
SP000902760
TDSO-8
TLE4998P8D
Digital
interface PWM
50, 100, 200
±48 LSB12/mT default
for 100 mT range,
with gain 1.5
±2
±4
< ±400
Ready
SP000902776
TDSO-8
TLE4998S8D
Digital
interface SENT
50, 100, 200
±48 LSB12/mT default
for 100 mT range,
with gain 1.5
±2
±4
< ±400
Ready
SP000902784
TDSO-8
TLE4998C8D
Digital
interface SPC
50, 100, 200
±48 LSB12/mT default
for 100 mT range,
with gain 1.5
±2
±4
< ±400
Ready
SP000902768
TDSO-8
TLE4999I3
Digital
interface PSI5
12.5, 25
±147.5 LSB13/mT
default for 25 mT
range, with gain 1.5
±2
±5
< ±100/
< ±2002)
Compliant SP001689862
SSO-3-12
TLE4999C8/43) Digital
interface SPC
25, 50
±36.875 LSB12/mT
default for in 50 mT
range, with gain 1.0
±2
±5
< ±100/
< ±2002)
Compliant SP002662500
TDSO-8-1
1) Maximum over drift overtemperature and life time
2) Main channel/sub channel
3) TLE4999C4 planned for 2022
www.infineon.com/linear-halls
Linear sensors
Applications
Automotive safety critical applications
› Electric power steering
› Linear movement position sensing
› Pedal position
› Electric throttle control
› Seat rail adjustment
› Headlight adjustment
Industrial applications
› Small home appliances
› Joystick applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com