Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4964-2M Datasheet(PDF) 73 Page - Infineon Technologies AG

Part # TLE4964-2M
Description  Sensor solutions for automotive, industrial and consumer applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4964-2M Datasheet(HTML) 73 Page - Infineon Technologies AG

Back Button TLE4964-2M Datasheet HTML 69Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 70Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 71Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 72Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 73Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 74Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 75Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 76Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 77Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 91 page
background image
73
www.infineon.com/60GHz
60 GHz radar sensor IC
Infineon’s innovative 60 GHz radar chip enables things to see and
revolutionizes the human-machine interface.
BGT60LTR11AIP for consumer and IoT applications
The BGT60LTR11AIP is a fully integrated microwave motion sensor including Antennas in Package (AIP) as well as built-in
detectors for motion and direction of motion. A state machine enables. In this autonomous mode, it detects a human
target up to 5 m with a low power consumption of less than 5 mW. The BGT60LTR11AIP enables radar technology for
everyone, since it does not require know-how in RF, antenna design, or radar signal processing. These features make the
small-sized radar solution a compelling smart and cost-effective replacement for conventional PIR sensors in low power
or battery-powered applications. Also, with its small form factor, Infineon’s highly integrated radar sensor solutions bring
innovative, intuitive sensing capabilities to many applications. Radar has been demonstrated to be a powerful sensor for
short-range motion detection.
60 GHz radar sensor IC
Block diagram of the BGT60LTR11AIP
Trafo
Trafo
SPI
HPF
LPF
Poly-
phase
filter
Power
splitter
MPA
PGA
LNA
Transmitter
Receiver
Analog base band
Downconverter
State machine
Power
detector
Direction
detector
Motion
detector
Freq.
divider
Sample
& hold
Quartz
osc.
Phase-
locked
loop
Freq.
divider
Frequency generator
Mode
select
HPF
LPF
PGA
Analog base band
Sample
& hold
Target application
› Smart building and smart home
› Home appliances
› Smart home security
› Room air conditioners
› Automated door openers
› Smart entrance counter solution
Key features
› 3.3 x 6.7 x 0.56 mm package size
› 1Tx 1Rx Antennas in Package (AIP) with 80 ° field of view
› Built-in motion detector
› Built-in direction of motion detector
› Multiple modes of operation incl. a completely autono-
mous mode
› Adjustable performance parameters: detection sensitivity,
hold time and frequency of operation
› FR4 material for PCB design is sufficient
Key benefits
› Autonomous mode:
– Up to 5 m detection range
– Less than 5 mW power consumption
– Requires minimal external circuitry incl. crystal, LDO
and some resistors capacitors
Product portfolio
Product
Package
SP Number
BGT60LTR11AIP
DEMO BGT60LTR11AIP
UF2BGA-42-1
SP005537624
[Demo Kit: SP005422969]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com