Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4964-2M Datasheet(PDF) 52 Page - Infineon Technologies AG

Part # TLE4964-2M
Description  Sensor solutions for automotive, industrial and consumer applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4964-2M Datasheet(HTML) 52 Page - Infineon Technologies AG

Back Button TLE4964-2M Datasheet HTML 48Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 49Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 50Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 51Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 52Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 53Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 54Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 55Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 56Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 91 page
background image
52
www.infineon.com/speed-sensors
TLE4959C(-FX)
State-of-the-art three-wire transmission speed sensor with direction detection
With our TLE4959 you now can also address your 3-wire applications with the latest state-of-
the art technology of IFX transmission sensors. Differential Hall sensor TLE4959 is your choice
when you need a 3-wire-sensor with direction detection and active vibration suppression.
Beside it’s outstanding airgap and best of class Hall jitter performance, with it’s high immu-
nity against strayfields it is the ideal match not only for traditional transmissions but also
particularly for hybrid applications.
While TLE4959C is provided with the standard protocol, the FX version gives access to different
protocols (e.g.speed only) as it is to be programmed at the customer’s premises.
Features
› Active vibration suppression
› Highly accurate speed measurements from 0 Hz to 10 kHz over large
operating air-gaps (up to 20k for -FX)
› Common three-wire voltage interface
› Broad operating temperature range
› AEC-Q100 qualified
› FXversioncustomerprogrammable(protocol,hysteresislevel)
Applications
› Automatic (hybrid) transmis-
sion systems
Magnetic speed sensors
TLE4959-5U (-FX)
State-of-the-art 4-wire transmission speed sensor with direction detection
Infineon released its new transmission speed sensors, the XENSIV™ TLE4959-5U and the
TLE4959-5U-FX. These are 4-wire voltage interface differential hall speed sensor for trans-
mission speed applications with vibration suppression and direction detection output.
The FX version flexible in terms of protocol, it has customer programmable EEPROM.
State-of-the-art 4-wire transmission speed sensor with direction detection. The
TLE4959-5U (FX) is an integrated differential Hall speed sensor ideally suited for trans-
mission applications. Its basic function is to provide rotational speed and direction of ro-
tation information to the transmission control unit. Sophisticated vibration suppression
with excellent air-gap performance. TLE4959-5U (FX) includes a sophisticated algorithm
which actively suppresses vibration while keeping excellent air-gap performance.
Features
› Voltage interface
› Active vibration suppression
› Direction detection output
› Dynamic self-calibration
› 0 Hz capability
› FX:flexibleprotocolthroughcustomerprogrammableEEPROM
Target applications
› Automatic transmission
applications
› Transmission applications with
speed with direction detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com