Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4964-2M Datasheet(PDF) 67 Page - Infineon Technologies AG

Part # TLE4964-2M
Description  Sensor solutions for automotive, industrial and consumer applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4964-2M Datasheet(HTML) 67 Page - Infineon Technologies AG

Back Button TLE4964-2M Datasheet HTML 63Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 64Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 65Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 66Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 67Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 68Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 69Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 70Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 71Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 91 page
background image
67
www.infineon.com/mems-partners
Maximum SNR
up to 75 dB
Ultra low distortion
up to 140 dB SPL AOP
Infineon’s Sealed Dual Membrane (SDM) MEMS technology
Infineon’s SDM MEMS technology is based on a miniaturized symmetrical microphone design. High-end studio microphones
are based on a similar working principle to achieve a highly linear output signal. The MEMS structure is hermetically
sealed and comprises two moving membranes and a capacitive plate. Sealing the capacitance area enables
practically noise-free audio signal capturing, allowing for an increase in SNR from 70 dB up to 75 dB.
Infineon inside MEMS microphone partners
Building upon the superior XENSIV™ MEMS microphone performance, Infineon’s extensive network of global partners offers
customers a comprehensive portfolio of XENSIV™ MEMS microphone-based reference designs, as well as Infineon inside MEMS
microphones that will propel audio performance to the next level even for the most demanding applications. Click on the
buttons below to learn more and purchase our partner solutions.
MEMS microphones



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com