Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL051CP Datasheet(PDF) 17 Page - STMicroelectronics

Part # TL051CP
Description  ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL051CP Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TL051CP Datasheet HTML 13Page - STMicroelectronics TL051CP Datasheet HTML 14Page - STMicroelectronics TL051CP Datasheet HTML 15Page - STMicroelectronics TL051CP Datasheet HTML 16Page - STMicroelectronics TL051CP Datasheet HTML 17Page - STMicroelectronics TL051CP Datasheet HTML 18Page - STMicroelectronics TL051CP Datasheet HTML 19Page - STMicroelectronics TL051CP Datasheet HTML 20Page - STMicroelectronics TL051CP Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 67 page
background image
TL05x, TL05xA
ENHANCED-JFET LOW-OFFSET
OPERATIONAL AMPLIFIERS
SLOS178A – FEBRUARY 1997 - REVISED FEBRUARY 2003
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VCC+
VCC–
VI
VO
RL
NOTE A: CL includes fixture capacitance.
CL
(see Note A)
Figure 1. Slew Rate, Rise/Fall Time,
and Overshoot Test Circuit
Overshoot
10%
90%
tr
Figure 2. Rise-Time and Overshoot
Waveform
VCC–
VCC+
VO
RS
RS
2 k
Ω
Figure 3. Noise-Voltage Test Circuit
Figure 4. Unity-Gain Bandwidth and
Phase-Margin Test Circuit
VO
VCC–
VCC+
RL
CL
(see Note A)
VI
10 k
Ω
100
Ω
NOTE A: CL includes fixture capacitance.
typical values
Typical values, as presented in this data sheet
represent the median (50% point) of device
parametric performance.
input bias and offset current
At the picoamp-bias-current level typical of the
TL05x and TL05xA, accurate measurement of the
bias current becomes difficult. Not only does this
measurement
require
a
picoammeter,
but
test-socket leakages easily can exceed the actual device bias currents. To accurately measure these small
currents, Texas Instruments uses a two-step process. The socket leakage is measured using picoammeters
with bias voltages applied, but with no device in the socket. The device then is inserted in the socket, and a
second test that measures both the socket leakage and the device input bias current is performed. The two
measurements then are subtracted algebraically to determine the bias current of the device.
noise
Because of the increasing emphasis on low noise levels in many of today’s applications, the input noise voltage
density is sample tested at f = 1 kHz. Texas Instruments also has additional noise-testing capability to meet
specific application requirements. Please contact the factory for details.
Figure 5. Input-Bias and Offset-Current Test Circuit
VCC+
VCC–
Ground Shield
pA
pA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com