Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL051CP Datasheet(PDF) 27 Page - STMicroelectronics

Part # TL051CP
Description  ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL051CP Datasheet(HTML) 27 Page - STMicroelectronics

Back Button TL051CP Datasheet HTML 23Page - STMicroelectronics TL051CP Datasheet HTML 24Page - STMicroelectronics TL051CP Datasheet HTML 25Page - STMicroelectronics TL051CP Datasheet HTML 26Page - STMicroelectronics TL051CP Datasheet HTML 27Page - STMicroelectronics TL051CP Datasheet HTML 28Page - STMicroelectronics TL051CP Datasheet HTML 29Page - STMicroelectronics TL051CP Datasheet HTML 30Page - STMicroelectronics TL051CP Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 67 page
background image
TL05x, TL05xA
ENHANCED-JFET LOW-OFFSET
OPERATIONAL AMPLIFIERS
SLOS178A – FEBRUARY 1997 - REVISED FEBRUARY 2003
27
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 37
1 k
0.1
1 M
100
10 k
100 k
1
10
f – Frequency – Hz
AVD = 100
AVD = 10
AVD = 1
VCC± = ±15 V
TA = 25°C
ro (open loop) ≈ 250 Ω
OUTPUT IMPEDANCE
vs
FREQUENCY
0.4
4
40
Figure 38
–75
90
TA – Free-Air Temperature – °C
125
–50
–25
025
50
75
100
94
98
VCC
± = ±5 V to ±15 V
SUPPLY-VOLTAGE REJECTION RATIO†
vs
FREE-AIR TEMPERATURE
110
106
102
Figure 39
0
|VCC
±| – Supply Voltage – V
16
60
24
6
8
10
12
14
0
20
40
VO = 0
TA = 25°C
VID = 100 mV
VID = –100 mV
SHORT-CIRCUIT OUTPUT CURRENT
vs
SUPPLY VOLTAGE
–20
–40
–60
Figure 40
0
t – Time – s
40
20
–20
–40
60
–60
50
40
30
20
10
60
0
TA = 25°C
VCC
± = ±15 V
VID = 100 mV
VID = –100 mV
SHORT-CIRCUIT OUTPUT CURRENT
vs
TIME
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com