Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL051CP Datasheet(PDF) 45 Page - STMicroelectronics

Part # TL051CP
Description  ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL051CP Datasheet(HTML) 45 Page - STMicroelectronics

Back Button TL051CP Datasheet HTML 41Page - STMicroelectronics TL051CP Datasheet HTML 42Page - STMicroelectronics TL051CP Datasheet HTML 43Page - STMicroelectronics TL051CP Datasheet HTML 44Page - STMicroelectronics TL051CP Datasheet HTML 45Page - STMicroelectronics TL051CP Datasheet HTML 46Page - STMicroelectronics TL051CP Datasheet HTML 47Page - STMicroelectronics TL051CP Datasheet HTML 48Page - STMicroelectronics TL051CP Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 67 page
background image
TL05x, TL05xA
ENHANCED-JFET LOW-OFFSET
OPERATIONAL AMPLIFIERS
SLOS178A – FEBRUARY 1997 - REVISED FEBRUARY 2003
45
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
analog thermometer
By combining a current source that does not vary over temperature with an instrumentation amplifier, a precise
analog thermometer can be built (see Figure 89). Amplifier U1A and IC1 establish a constant current through
the temperature-sensing diode D1. For this section of the circuit to operate correctly, the TL05x must use split
supplies, and R3 must be a metal-film resistor with a low temperature coefficient.
The temperature-sensitive voltage from the diode is compared to a temperature-stable voltage reference set
by IC2. R4 should be adjusted to provide the correct output voltage when the diode is at a known temperature.
Although this potentiometer resistance varies with temperature, the divider ratio of the potentiometer remains
constant.
Amplifiers U1B, U2A, and U2B form the instrumentation amplifier that converts the difference between the diode
and reference voltage to a voltage proportional to the temperature. With switch S1 closed, the amplifier gain
equals 5 and the output voltage is proportional to temperature in degrees Celsius. With S1 open, the amplifier
gain is 9 and the output is proportional to temperature in degrees Fahrenheit. Every time S1 is changed, R4 must
be recalibrated. By setting S1 correctly, the output voltage equals 10 mV per degree (C or F).
+
–
IC1
C1
150 pF
R1
100 k
Ω
U1A
R3
10 k
Ω
(see Note B)
D1
(see Note A)
+15 V
R2
100 k
Ω
IC2
R4
50 k
Ω
U1B
R6
10 k
Ω
R5
5 k
Ω
R7
5 k
Ω
S1
(see Note C)
R8
10 k
Ω
U2A
R10
10 k
Ω
R11
R9
R12
10 k
Ω
10 k
Ω
+15 V
–15 V
10 k
Ω
VO
(see Note D)
U2B
NOTES: A. Temperature-sensing diode
≈ (–2 mV/°C)
B. Metal-film resistor (low temperature coefficient)
C. Switch open for
°F and closed for °C
D. VO α temperature; 10 mV/°C or 10 mV/°F
E. U1, U2 = TL05x. IC1, IC2 = LM385, LT1004, or LT1009 voltage reference
Figure 89. Analog Thermometer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com